Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC8020K6-G Fiches technique(PDF) 7 Page - Supertex, Inc

No de pièce TC8020K6-G
Description  Six Pair, N- and P-Channel Enhancement-Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC8020K6-G Fiches technique(HTML) 7 Page - Supertex, Inc

  TC8020K6-G Datasheet HTML 1Page - Supertex, Inc TC8020K6-G Datasheet HTML 2Page - Supertex, Inc TC8020K6-G Datasheet HTML 3Page - Supertex, Inc TC8020K6-G Datasheet HTML 4Page - Supertex, Inc TC8020K6-G Datasheet HTML 5Page - Supertex, Inc TC8020K6-G Datasheet HTML 6Page - Supertex, Inc TC8020K6-G Datasheet HTML 7Page - Supertex, Inc TC8020K6-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
TC8020
Supertex inc.
www.supertex.com
Doc.# DSFP-TC8020
C091112
Pin
Function
Description
19
NC
No Connection
20
SN4
Source of N-MOSFET 4
21
NC
No Connection
22
VSUB
Die attachment substrate, must be grounded externally.
23
NC
No Connection
24
SP4
Source of P-MOSFET 4
25
NC
No Connection
26
SP5
Source of P-MOSFET 5
27
NC
No Connection
28
NC
No Connection
29
DP4
Drain of P-MOSFET 4
30
DN4
Drain of N-MOSFET 4
31
DP5
Drain of P-MOSFET 5
32
DN5
Drain of N-MOSFET 5
33
DP6
Drain of P-MOSFET 6
34
DN6
Drain of N-MOSFET 6
35
SP6
Source of P-MOSFET 6
36
SP3
Source of P-MOSFET 3
37
DP3
Drain of P-MOSFET 3
38
DN3
Drain of N-MOSFET 3
39
DP2
Drain of P-MOSFET 2
40
DN2
Drain of N-MOSFET 2
41
DP1
Drain of P-MOSFET 1
42
DN1
Drain of N-MOSFET 1
43
NC
No Connection
44
NC
No Connection
45
SP2
Source of P-MOSFET 2
46
NC
No Connection
47
SP1
Source of P-MOSFET 1
48
NC
No Connection
49
VSUB
Die attachment substrate, must be grounded externally.
50
NC
No Connection
51
SN1
Source of N-MOSFET 1
52
NC
No Connection
53
SN2
Source of N-MOSFET 2
54
NC
No Connection
55
GP1
Gate of P-MOSFET 1
56
GP2
Gate of P-MOSFET 2
Note:
Thermal Pad must be grounded externally.
Pin Description (cont.)


Numéro de pièce similaire - TC8020K6-G

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
TC80 CDE-TC80 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
SHENZHEN FUMAN ELECTRON...
TC8002CS FUMAN-TC8002CS Datasheet
384Kb / 5P
   3W audio power amplifier IC
TC8002D FUMAN-TC8002D Datasheet
312Kb / 5P
   3W audio power amplifier IC
TC8012 FUMAN-TC8012 Datasheet
86Kb / 2P
   Electronic cigarette IC
TC8012D FUMAN-TC8012D Datasheet
86Kb / 2P
   Electronic cigarette IC
More results

Description similaire - TC8020K6-G

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
TC7320 SUTEX-TC7320 Datasheet
218Kb / 5P
   Six Pair N- and P-Channel Enhancement-Mode MOSFET
logo
Microchip Technology
TC6321 MICROCHIP-TC6321 Datasheet
427Kb / 26P
   N- and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
   N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC8220 SUTEX-TC8220 Datasheet
585Kb / 6P
   Two Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPC6606 SYNC-POWER-SPC6606 Datasheet
590Kb / 9P
   N and P Pair Enhancement Mode MOSFET
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com