Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65983B Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65983B
Description  USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65983B Fiches technique(HTML) 5 Page - Texas Instruments

  TPS65983B Datasheet HTML 1Page - Texas Instruments TPS65983B Datasheet HTML 2Page - Texas Instruments TPS65983B Datasheet HTML 3Page - Texas Instruments TPS65983B Datasheet HTML 4Page - Texas Instruments TPS65983B Datasheet HTML 5Page - Texas Instruments TPS65983B Datasheet HTML 6Page - Texas Instruments TPS65983B Datasheet HTML 7Page - Texas Instruments TPS65983B Datasheet HTML 8Page - Texas Instruments TPS65983B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 117 page
background image
5
TPS65983B
www.ti.com
SLVSDM6A – OCTOBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TPS65983B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
POR
STATE
DESCRIPTION
NAME
NO.
HIGH-CURRENT POWER PINS
PP_5V0
A11, B11, C11,
D11
Power
NA
5-V supply for VBUS. Bypass with capacitance CPP_5V0 to GND. Tie pin to GND
when unused
PP_HV
A6, A7, A8, B7
Power
NA
HV supply for VBUS. Bypass with capacitance CPP_HV to GND. Tie pin to GND
when unused
PP_CABLE
H10
Power
NA
5-V supply for C_CC pins. Bypass with capacitance CPP_CABLE to GND when not
tied to PP_5V0. Tie pin to PP_5V0 when unused.
VBUS
H11, J10, J11,
K11
Power
NA
5-V output from PP_5V0. Input or output from PP_HV up to 20 V. Bypass with
capacitance CVBUS to GND.
LOW-CURRENT POWER PINS
VIN_3V3
H1
Power
NA
Supply for core circuitry and I/O. Bypass with capacitance CVIN_3V3 to GND.
VDDIO
B1
Power
NA
VDD for I/O. Some I/Os are reconfigurable to be powered from VDDIO instead of
LDO_3V3. When VDDIO is not used, tie pin to LDO_3V3. When not tied to LDO_3V3
and used as a supply input, bypass with capacitance CVDDIO to GND.
VOUT_3V3
H2
Power
NA
Output of supply switched from VIN_3V3. Bypass with capacitance COUT_3V3 to
GND. Float pin when unused.
LDO_3V3
G1
Power
NA
Output of the VBUS to 3.3 V LDO or connected to VIN_3V3 by a switch. Main
internal supply rail. Used to power external flash memory. Bypass with capacitance
CLDO_3V3 to GND.
LDO_1V8A
K1
Power
NA
Output of the 3.3 V or 1.8 V LDO for Core Analog Circuits. Bypass with capacitance
CLDO_1V8A to GND.
LDO_1V8D
A2
Power
NA
Output of the 3.3 V or 1.8 V LDO for Core Digital Circuits. Bypass with capacitance
CLDO_1V8D to GND.
LDO_BMC
E1
Power
NA
Output of the USB-PD BMC transceiver output level LDO. Bypass with capacitance
CLDO_BMC to GND.
TYPE-C PORT PINS
C_CC1
L9
Analog I/O
Hi-Z
Output to Type-C CC or VCONN pin. Filter noise with capacitance CC_CC1 to GND.
C_CC2
L10
Analog I/O
Hi-Z
Output to Type-C CC or VCONN pin. Filter noise with capacitance CC_CC2 to GND.
RPD_G1
K9
Analog I/O
Hi-Z
Tie pin to C_CC1 when configured to receive power in dead-battery or no-power
condition. Tie pin to GND otherwise.
RPD_G2
K10
Analog I/O
Hi-Z
Tie pin to C_CC2 when configured to receive power in dead-battery or no-power
condition. Tie pin to GND otherwise.
C_USB_TP
K6
Analog I/O
Hi-Z
Port side Top USB D+ connection to Port Multiplexer.
C_USB_TN
L6
Analog I/O
Hi-Z
Port side Top USB D– connection to Port Multiplexer.
C_USB_BP
K7
Analog I/O
Hi-Z
Port side Bottom USB D+ connection to Port Multiplexer.
C_USB_BN
L7
Analog I/O
Hi-Z
Port side Bottom USB D– connection to Port Multiplexer.
C_SBU1
K8
Analog I/O
Hi-Z
Port side Sideband Use connection of Port Multiplexer.
C_SBU2
L8
Analog I/O
Hi-Z
Port side Sideband Use connection of Port Multiplexer.
PORT MULTIPLEXER PINS
SWD_DATA
F4
Digital I/O
Resistive Pull
High
SWD serial data. Float pin when unused.
SWD_CLK
G4
Digital Input
Resistive Pull
High
SWD serial clock. Float pin when unused.
UART_RX
F2
Digital Input
Digital Input
UART serial receive data. Connect pin to another TPS65983B UART_TX to share
firmware. Connect UART_RX to UART_TX when not connected to another
TPS65983B and ground pin through a 100 kΩ resistance.
UART_TX
E2
Digital Output
UART_RX
UART serial transmit data. Connect pin to another TPS65983B UART_TX to share
firmware. Connect UART_RX to UART_TX when not connected to another
TPS65983B.
USB_RP_P
L5
Analog I/O
Hi-Z
System side USB2.0 high-speed connection to Port Multiplexer. Ground pin with
between 1-kΩ and 5-MΩ resistance when unused.
USB_RP_N
K5
Analog I/O
Hi-Z
System side USB2.0 high-speed connection to Port Multiplexer. Ground pin with
between 1-kΩ and 5-MΩ resistance when unused.
LSX_R2P
L4
Digital Input
Digital Input
System side low speed TX from system to port. This pin is configurable to be an
input to the digital core or the crossbar multiplexer to the port. Ground pin with
between 1-kΩ and 5-MΩ resistance when unused.
LSX_P2R
K4
Digital Output
Hi-Z
System side low speed RX to system from port. This pin is configurable to be an
output from the digital core or the crossbar multiplexer from the port. Float pin when
unused.


Numéro de pièce similaire - TPS65983B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983BAZBHR TI1-TPS65983BAZBHR Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983BAZQZR TI1-TPS65983BAZQZR Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_18 Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
More results

Description similaire - TPS65983B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983 TI1-TPS65983 Datasheet
2Mb / 114P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65981 TI1-TPS65981_16 Datasheet
2Mb / 98P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982_J1 TI1-TPS65982_J1 Datasheet
3Mb / 121P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_19 Datasheet
2Mb / 113P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65983B TI1-TPS65983B_18 Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982 TI-TPS65982 Datasheet
3Mb / 114P
[Old version datasheet]   TPS65982 USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com