Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25810-Q1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25810-Q1
Description  USB Type-C DFP Controller and Power Switch With Load Detection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810-Q1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS25810-Q1 Datasheet HTML 7Page - Texas Instruments TPS25810-Q1 Datasheet HTML 8Page - Texas Instruments TPS25810-Q1 Datasheet HTML 9Page - Texas Instruments TPS25810-Q1 Datasheet HTML 10Page - Texas Instruments TPS25810-Q1 Datasheet HTML 11Page - Texas Instruments TPS25810-Q1 Datasheet HTML 12Page - Texas Instruments TPS25810-Q1 Datasheet HTML 13Page - Texas Instruments TPS25810-Q1 Datasheet HTML 14Page - Texas Instruments TPS25810-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TJ - Junction Temperature (
oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
40
45
50
55
60
65
70
D001
TJ - Junction Temperature (
oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
70
75
80
85
90
95
100
D001
IN1 UFP 3 A
IN1 UFP 0.5 A/1.5 A
TJ - Junction Temperature (
oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
50
100
150
200
250
300
350
400
D001
IN2 UFP 3 A
IN2 UFP 1.5 A
IN2 UFP 0.5 A
11
TPS25810-Q1
www.ti.com
SLVSD95 – NOVEMBER 2016
Product Folder Links: TPS25810-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 8. IN1 Current With UFP vs Temperature
Figure 9. IN2 Current With UFP vs Temperature
VAUX = 5 V
Figure 10. AUX Current With UFP vs Temperature


Numéro de pièce similaire - TPS25810-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Description similaire - TPS25810-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
   USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
Texas Instruments
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com