Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PJ1085 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce PJ1085
Description  3 Amp Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PJ1085 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ1085 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PJ1085
3 Amp Low Dropout Positive Voltage Regulator
1-7
2002.rev.A
Parameter
Symbol
Maximum
Units
Input Voltage
VIN
7
V
Power Dissipation
PD
Internally Limited
W
Thermal Resistance Junction to Case
θJC
2.5
Thermal Resistance Junction to Ambient
θJA
50
/W
Operating Junction Temperature Range
TJ
0 to +125
Operating Ambient Temperature Range
TA
-20 to +85
Storage Temperature Range
TSTG
-25 to 150
Lead Temperature (Soldering) 10 Sec.
TLEAD
260
He PJ1085 Series of high performance positive voltage
Regulators are designed for
use in applications
requiring
low dropout performance at full rated current, Additionally,
the PJ1085 Series provides excellent regulation over
variations due to changes in line, load and temperature.
Outstanding features include low dropout performance at
rated current, fast transient response, internal
current
limiting and thermal shutdown protection of the output
device. The PJ1085 Series are three terminal regulators with
fixed and adjustable voltage options available in popular
packages.
Low dropout voltage 1.3V max.
Full current rating over line and temperature
Fast transient response
Total output regulation ±2% over line, load and
temperature
Adjust pin current max 120μA over temperature
Line regulation typical 0.015%.
Load regulation typical 0.05%.
Fixed/adjustable output voltage
TO-220 & TO-263 & To-252 package
Device
Operating Temperature
(Ambient)
Package
PJ1085CZ
PJ1085CZ-2.5
PJ1085CZ-3.3
TO-220
PJ1085CM
PJ1085CM-2.5
PJ1085CM-3.3
TO-263
PJ1085CP
PJ1085CP-2.5
PJ1085CP-3.3
-20℃ to +85℃
TO-252
NOTE: Contact factory for additional voltage option.
BLOCK DIAGRAM
T
TO-220
TO-263
TO-252
FEATURES
ORDERING INFORMATION
Pin: 1..Adj (Com)
2. Out
3. In
ABSOLUTE MAXIMUM RATING


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
OM7671ST 1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR 1  2  3  List of Unclassifed Manufacturers
TS1082 10 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
IP1R07A 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1  2  3  Seme LAB
TS1083 7.5 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
EZ1585D 6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1  2  3  4  Semtech Corporation
PJ1082 10 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1085220M05 LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR 1  2  3  Seme LAB
PJ1117 1 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1086220M05 LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR 1  2  3  Seme LAB
PJ1084 5 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn