Moteur de recherche de fiches techniques de composants électroniques |
|
BU33JA2MNVX-TL Fiches technique(PDF) 1 Page - Rohm |
|
BU33JA2MNVX-TL Fiches technique(HTML) 1 Page - Rohm |
1 / 21 page ○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays . 1/17 TSZ02201-0G5G0A300030-1-2 © 2016 ROHM Co., Ltd. All rights reserved. 11.Apr.2016 Rev.003 TSZ22111・14・001 www.rohm.com CMOS LDO Regulator Series for Automotive Ultra-Small Package FULL CMOS LDO Regulator BUxxJA2MNVX-C series General Description BUxxJA2MNVX-C series are high-performance FULL CMOS regulators with 200mA output, which are mounted on versatile package SSON004R1010 (1.00mm x 1.00 mm x 0.60mm). These device have excellent noise characteristics and load responsiveness characteristics despite its low circuit current consumption of 35 μA. They are most appropriate for various applications such as power supplies for radar and camera of the automotive. Features AEC-Q100 Qualified(NoteE1) High Accuracy Output Low Current Consumption Compatible With Small Ceramic Capacitor(CIN=CO=0.47 μF) With Built-in Output Discharge Circuit High Ripple Rejection ON/OFF Control of Output Voltage Built-in Over Current Protection Circuit Built-in Thermal Shutdown Circuit (Note1) Grade1 Applications Radar and camera for automotive, etc. Key Specifications Input Voltage Range: 1.7V to 6.0V Output Voltage: 1.0V to 3.4V Output Voltage Accuracy: ±2.0%(Ta=-40°C to 125°C) Output Current: 200mA(Max) Standby Current: 35 μA (Typ) Operating Temperature Range: -40°C to +125°C Package W(Typ) x D(Typ) x H(Max) SSON004R1010 : 1.00mm x 1.00mm x 0.60mm Typical Application Circuit SSON004R1010 STBY VIN GND STBY GND GND VOUT VOUT VIN CIN 0.47μF CO 0.47μF Figure 1. Application Circuit |
Numéro de pièce similaire - BU33JA2MNVX-TL |
|
Description similaire - BU33JA2MNVX-TL |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |