Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU28JA2MNVX-TL Fiches technique(PDF) 4 Page - Rohm

No de pièce BU28JA2MNVX-TL
Description  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU28JA2MNVX-TL Fiches technique(HTML) 4 Page - Rohm

  BU28JA2MNVX-TL Datasheet HTML 1Page - Rohm BU28JA2MNVX-TL Datasheet HTML 2Page - Rohm BU28JA2MNVX-TL Datasheet HTML 3Page - Rohm BU28JA2MNVX-TL Datasheet HTML 4Page - Rohm BU28JA2MNVX-TL Datasheet HTML 5Page - Rohm BU28JA2MNVX-TL Datasheet HTML 6Page - Rohm BU28JA2MNVX-TL Datasheet HTML 7Page - Rohm BU28JA2MNVX-TL Datasheet HTML 8Page - Rohm BU28JA2MNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
BUxxJA2MNVX-C series
4/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Electrical Characteristics
(VIN=VOUT+1.0V(Note3)、STBY=VIN、CIN
=0.47μF、CO=0.47μF, unless otherwise specified.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
[Regulator Block]
Output Voltage 1
VOUT1
VOUT
×0.98
-
VOUT
×1.02
V
IOUT=0.01mA, VOUT≥1.8V
VOUT
-36mV
-
VOUT
+36mV
IOUT=0.01mA, VOUT<1.8V
Output Voltage 2
VOUT2
VOUT
×0.97
-
VOUT
×1.03
V
IOUT=0.01mA to 200mA
VOUT≥1.8V
VOUT
-54mV
-
VOUT
+54mV
IOUT=0.01mA to 200mA
VOUT<1.8V
Operating Current
IIN
-
35
90
μA
IOUT=0mA
Operating Current (STBY)
ISTBY
-
-
2.0
μA
STBY=0V
Ripple Rejection Ratio
RR
45
70
-
dB
VRR=-20dBv, fRR=1kHz
IOUT=10mA, Ta=25°C
Dropout Voltage
VSAT
-
800
1100
mV
1.0V ≤ VOUT < 1.2V(IOUT=200mA)
-
600
900
mV
1.2V ≤ VOUT < 1.5V(IOUT=200mA)
-
440
830
mV
1.5V ≤ VOUT < 1.8V(IOUT=200mA)
-
380
710
mV
1.8V
≤ VOUT < 2.5(IOUT=200mA)
-
280
620
mV
2.5V
≤ VOUT ≤ 2.6(IOUT=200mA)
-
260
580
mV
2.7V
≤ VOUT ≤ 2.85(IOUT=200mA)
-
240
530
mV
2.9V
≤ VOUT ≤ 3.1V(IOUT=200mA)
-
220
490
mV
3.2V
≤ VOUT ≤ 3.4V(IOUT=200mA)
Line Regulation
VDL
-
2
20
mV
VIN=VOUT+1.0V to 5.5V(Note4)
IOUT=0.01mA
Load Regulation
VDLO
-
10
80
mV
IOUT=0.01mA to 100mA
[Over Current Protection (OCP) Block]
Limit Current
ILMAX
220
400
700
mA
ILMAX@VOUT×0.95, Ta=25°C
Short Current
ISHORT
20
70
150
mA
VOUT=0V, Ta=25°C
[Standby Block]
Discharge
Resistor
RDSC
20
50
80
Ω
VIN=4.0V, STBY=0V
VOUT=4.0V, Ta=25°C
STBY Pin Pull-down Current
ISTB
0.1
0.6
2.0
μA
STBY=1.5V
STBY Control Voltage
ON
VSTBH
1.2
-
6.0
V
OFF
VSTBL
0
-
0.3
V
(Note3) VIN=2.5V for VOUT
≤1.5V
(Note4) VIN=2.5V to 3.6V for VOUT
≤1.5V


Numéro de pièce similaire - BU28JA2MNVX-TL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2871FS ROHM-BU2871FS Datasheet
132Kb / 8P
   On-screen display for VCRs
BU2872AK ROHM-BU2872AK Datasheet
49Kb / 4P
   FL tube driver
BU2878FS ROHM-BU2878FS Datasheet
132Kb / 8P
   On-screen display for VCRs
BU2879AK ROHM-BU2879AK Datasheet
51Kb / 5P
   FL tube driver
BU2880 ROHM-BU2880 Datasheet
96Kb / 7P
   Digital servo controller for VCRs
More results

Description similaire - BU28JA2MNVX-TL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com