Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2090FS-E2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BU2090FS-E2
Description  2-input Serial- in / Parallel- out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2090FS-E2 Fiches technique(HTML) 4 Page - Rohm

  BU2090FS-E2 Datasheet HTML 1Page - Rohm BU2090FS-E2 Datasheet HTML 2Page - Rohm BU2090FS-E2 Datasheet HTML 3Page - Rohm BU2090FS-E2 Datasheet HTML 4Page - Rohm BU2090FS-E2 Datasheet HTML 5Page - Rohm BU2090FS-E2 Datasheet HTML 6Page - Rohm BU2090FS-E2 Datasheet HTML 7Page - Rohm BU2090FS-E2 Datasheet HTML 8Page - Rohm BU2090FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
.
4/12
BU2090F BU2090FS
TSZ02201-0RHR1GZ00110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
TSZ22111・15・001
www.rohm.com
Test Circuits
+25V
RL =10kΩ
VDD
VSS
PatternGenerator
VIH
VIL
VSS
VDD
I
OUT
V
OL
PatternGenerator
1
12
SW
VDD
I
IH
A
V
IN
+
I
IL
VSS
VSS
VSS
VSS
RL RL RL RL RL
RL RL
RL RL RL RL RL
Figure 2. Test Circuit of Input H/LVoltage
Figure 3. Test Circuit of Output L Voltage
Figure 4. Test Circuit of Input H/LCurrent


Numéro de pièce similaire - BU2090FS-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2090FS-E2 ROHM-BU2090FS-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
More results

Description similaire - BU2090FS-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com