Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2090F Fiches technique(PDF) 1 Page - Rohm

No de pièce BU2090F
Description  2-input Serial- in / Parallel- out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2090F Fiches technique(HTML) 1 Page - Rohm

  BU2090F Datasheet HTML 1Page - Rohm BU2090F Datasheet HTML 2Page - Rohm BU2090F Datasheet HTML 3Page - Rohm BU2090F Datasheet HTML 4Page - Rohm BU2090F Datasheet HTML 5Page - Rohm BU2090F Datasheet HTML 6Page - Rohm BU2090F Datasheet HTML 7Page - Rohm BU2090F Datasheet HTML 8Page - Rohm BU2090F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/12
TSZ02201-0RHR1GZ00110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
TSZ22111・14・001
www.rohm.com
Serial-in / Parallel-out Driver Series
2-input Serial- in / Parallel- out Drivers
BU2090F BU2090FS
Description
BU2090F/BU2090FS are an open drain output driver.It
incorporates a built-in shift register and a latch circuit to
turn on a maximum of 12 Outputs by a 2-line interface,
linked to a microcontroller.
An open-drain output provides maximum 25mA current.
Features
LED can be driven directly
12 bit parallel output
This product can be operated on low voltage
Applications
Drive of LED
Drive of Solenoid
Drive of Relay
Pin Configurations
(Top View)
Key Specifications
Power supply voltage range:
2.7V to 5.5V
Output voltage:
0V to 25V
Operating temperature range:
-40℃ to +85℃
Package
W(Typ) x D(Typ) x H(Max)
SOP16
10.00mm x 6.20mm x 1.71mm
SSOP-A16
6.60mm x 6.20mm x 1.71mm
Block Diagrams
15
14
13
12
11
10
9
8
7
6
5
4
3
2
Q5
Q6
Q7
Q8
Q9
Q11
Q4
Q3
Q2
Q1
Q0
CLOCK
DATA
Q10
1
VDD
16
VSS
SOP16
BU2090F
SSOP-A16
BU2090FS
Controller
Shift
Register
12bit
Latch
Write Buffer
Q0~Q11
CLOCK
DATA
Datasheet


Numéro de pièce similaire - BU2090F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2090F ROHM-BU2090F Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F-E2 ROHM-BU2090F-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090FS ROHM-BU2090FS Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
More results

Description similaire - BU2090F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com