Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N6275A Fiches technique(PDF) 4 Page - MDE Semiconductor, Inc.

No de pièce 1N6275A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MDE [MDE Semiconductor, Inc.]
Site Internet  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

1N6275A Fiches technique(HTML) 4 Page - MDE Semiconductor, Inc.

  1N6275A Datasheet HTML 1Page - MDE Semiconductor, Inc. 1N6275A Datasheet HTML 2Page - MDE Semiconductor, Inc. 1N6275A Datasheet HTML 3Page - MDE Semiconductor, Inc. 1N6275A Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
11/13/2013
1500 Watt TVS
Min
Volts
Max
Volts
Vcl
Volts
Ipp
Amps
1N6291
1.5KE68
55.10
5.0
61.20
74.80
1
96.0
15.3
0.104
1N6291A
1.5KE68A
58.10
5.0
64.60
71.40
1
92.0
16.3
0.104
1N6292
1.5KE75
60.70
5.0
67.50
82.50
1
109.0
13.9
0.105
1N6292A
1.5KE75A
64.10
5.0
71.30
78.80
1
104.0
14.6
0.105
1N6293
1.5KE82
66.40
5.0
73.80
90.20
1
118.0
12.7
0.105
1N6293A
1.5KE82A
70.10
5.0
77.90
86.10
1
113.0
13.3
0.105
1N6294
1.5KE91
73.70
5.0
81.90
100.00
1
131.0
11.4
0.106
1N6294A
1.5KE91A
77.80
5.0
86.50
95.50
1
125.0
12.0
0.106
1N6295
1.5KE100
81.00
5.0
90.00
110.00
1
144.0
10.4
0.106
1N6295A
1.5KE100A
85.50
5.0
95.00
105.00
1
137.0
11.0
0.106
1N6296
1.5KE110
89.20
5.0
99.00
121.00
1
158.0
9.5
0.107
1N6296A
1.5KE110A
94.00
5.0
106.00
116.00
1
152.0
9.9
0.107
1N6297
1.5KE120
97.20
5.0
108.00
132.00
1
173.0
8.7
0.107
1N6297A
1.5KE120A
102.00
5.0
114.00
126.00
1
165.0
9.1
0.107
1N6298
1.5KE130
106.00
5.0
117.00
143.00
1
187.0
8.0
0.107
1N6298A
1.5KE130A
111.00
5.0
124.00
137.00
1
179.0
8.4
0.107
1N6299
1.5KE150
121.00
5.0
136.00
165.00
1
215.0
7.0
0.108
1N6299A
1.5KE150A
128.00
5.0
143.00
158.00
1
207.0
7.2
0.108
1N6300
1.5KE160
130.00
5.0
144.00
176.00
1
230.0
6.5
0.108
1N6300A
1.5KE160A
136.00
5.0
152.00
168.00
1
219.0
6.8
0.108
1N6301
1.5KE170
138.00
5.0
153.00
167.00
1
244.0
6.2
0.108
1N6301A
1.5KE170A
145.00
5.0
162.00
179.00
1
234.0
6.4
0.108
1N6302
1.5KE180
146.00
5.0
162.00
198.00
1
256.0
5.8
0.108
1N6302A
1.5KE180A
154.00
5.0
171.00
189.00
1
246.0
6.1
0.108
1N6303
1.5KE200
162.00
5.0
180.00
220.00
1
287.0
5.2
0.108
1N6303A
1.5KE200A
171.00
5.0
190.00
210.00
1
274.0
5.5
0.108
N/A
1.5KE220
175.00
5.0
196.00
242.00
1
344.0
4.3
0.108
N/A
1.5KE220A
185.00
5.0
209.00
231.00
1
328.0
4.6
0.108
N/A
1.5KE250
202.00
5.0
225.00
275.00
1
360.0
5.0
0.110
N/A
1.5KE250A
214.00
5.0
237.00
263.00
1
344.0
5.0
0.110
N/A
1.5KE300
243.00
5.0
270.00
330.00
1
430.0
5.0
0.110
N/A
1.5KE300A
256.00
5.0
285.00
315.00
1
414.0
5.0
0.110
N/A
1.5KE350
284.00
5.0
315.00
385.00
1
504.0
4.0
0.110
N/A
1.5KE350A
300.00
5.0
333.00
368.00
1
482.0
4.0
0.110
N/A
1.5KE400
324.00
5.0
360.00
440.00
1
574.0
4.0
0.110
N/A
1.5KE400A
342.00
5.0
380.00
420.00
1
548.0
4.0
0.110
N/A
1.5KE440
356.00
5.0
396.00
484.00
1
598.0
4.0
0.110
N/A
1.5KE440A
376.00
5.0
418.00
462.00
1
590.0
4.0
0.110
Certified RoHS Compliant
UL File # E223026
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
JEDEC
P/N
MDE Semiconductor, Inc.
MAX. TEMP.
COEFFICIENT
OF Vbr
(%/°C)
REVERSE
BREAKDOWN
VOLTAGE
(Vbr) @ It
MDE
P/N 1500
WATT 1.5KE
SERIES
STANDOFF
VOLTAGE
(Vso)
Volts
MAX. CLAMPING
VOLTAGE (Vcl)
@ PEAK PULSE
CURRENNT (Ipp)
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
MAX.
REVERSE
LEAKAGE
(Ir)@Vso
µA
TEST
CURRENT
(It)
mA


Numéro de pièce similaire - 1N6275A

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
1N6275A TRSYS-1N6275A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6275A DAESAN-1N6275A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
1N6275A DAESAN-1N6275A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6275A LUGUANG-1N6275A Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Dc Components
1N6275A DCCOM-1N6275A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - 1N6275A

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com