Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N6270A Fiches technique(PDF) 1 Page - MDE Semiconductor, Inc.

No de pièce 1N6270A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MDE [MDE Semiconductor, Inc.]
Site Internet  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

1N6270A Fiches technique(HTML) 1 Page - MDE Semiconductor, Inc.

  1N6270A Datasheet HTML 1Page - MDE Semiconductor, Inc. 1N6270A Datasheet HTML 2Page - MDE Semiconductor, Inc. 1N6270A Datasheet HTML 3Page - MDE Semiconductor, Inc. 1N6270A Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11/13/2013
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94 V-O
• Glass passivated chip junction in Molded Plastic package
• 1500W surge capability at 1ms
• Excellent clamping capability
• Low zener inpedance
• Fast response time: typically less than
1.0 ps from 0 volts to BV min.
• Typical IR less than 1µA above 10V
• High temperature soldering guaranteed:
250°C/10 seconds/ .375", (9.5mm) lead
length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-201 Molded plastic
Terminals: Plated Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.045 ounces, 1.2 grams
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation at TA = 25 °C, TP = 1ms
(NOTE 1)
IPPM
SEE TABLE 1
Amps
Superimposed on Rated Load, (JEDEC Method)(Note 3)
Operatings and Storage Temperature Range
TJ, TSTG
-55 +175
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2.
2. Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum.
4. Vf=3.5V for 1.5KE220A & below; Vf=5.0 for 1.5KE250A & above
Certified RoHS Compliant
UL File # E223026
Watts
P
PPM
Minimum 1500
Maximum instantaneous forward voltage at 100A for
unidirectional only(Note 4)
VF
3.5/5.0
Volts
Watts
IFSM
200
Amps
Peak Pulse Current of on 10/1000 µs waveform (Note 1)
PM(AV)
5.0
Steady State Power Dissipation at
TL = 75°C
Lead lengths .375", 9.5mm (Note 2)
Electrical characteristics apply in both directions.
Peak Forward Surge Current, 8.3ms Single Half Sine-wave
MAXIMUM RATINGS AND CHARACTERISTICS
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
MDE Semiconductor, Inc.
1N6267 to 1N6303 and 1.5KE SERIES
For Bidirectional use C or CA Suffix for types 1.5KE6.80 thru types 1.5KE440 (e.g. 1.5KE6.8C, 1.5KE440CA)
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE- 6.8 TO 440 Volts
1500 Watt Peak Power 5.0 Watt Steady State
DEVICES FOR BIPOLAR APPLICATIONS


Numéro de pièce similaire - 1N6270A

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
1N6270A TRSYS-1N6270A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6270A DAESAN-1N6270A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
1N6270A DAESAN-1N6270A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6270A LUGUANG-1N6270A Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Dc Components
1N6270A DCCOM-1N6270A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - 1N6270A

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com