Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPAC500P-490 Fiches technique(PDF) 2 Page - Total Power International

No de pièce TPAC500P-490
Description  MEET IEC 61000-3-2 HARMONIC CORRECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC500P-490 Fiches technique(HTML) 2 Page - Total Power International

  TPAC500P-490 Datasheet HTML 1Page - Total Power International TPAC500P-490 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.7kg (3.75 lb.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙
AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲≡#⊙★@
AUX. –VO4 @▲⊙★
MODEL NO.
Min.
Typ.
Volt. Max. Min. Typ. Volt. Max. Min. Typ. Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
TPAC500P-490
4A
50A
+5V
60A
0A
30A +3.3V 60A
0A 10A +12V 14A 15A 0A
3A -12V 4A
5A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing.
"⊙" Installed with Or-ing diode. "▲" Magnetic Amplifier. "●" Installed with Post-regulator. .
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT
L
N
G
VO1 S+ S- Adj. C.S.
VO2
S+ Adj. C.S. VO3 S+ C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
47 46 45
1,2,
3,4
30 34 29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,24
27
38
39
42
Mating connector: PCIH47F400A1.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Numéro de pièce similaire - TPAC500P-490

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPAC500P TOTAL-POWER-TPAC500P Datasheet
338Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC500P SERIES
More results

Description similaire - TPAC500P-490

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPAC250 TOTAL-POWER-TPAC250 Datasheet
496Kb / 2P
   MEET IEC 61000-3-2 HARMONIC CORRECTION
logo
STMicroelectronics
AN3353 STMICROELECTRONICS-AN3353 Datasheet
178Kb / 9P
   IEC 61000-4-2 standard testing
logo
Sparkle Power Inc.
FSP250-70PFU SPI-FSP250-70PFU Datasheet
40Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60UAP SPI-FSP300-60UAP Datasheet
98Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60WAP SPI-FSP300-60WAP Datasheet
95Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP500-70AAPB SPI-FSP500-70AAPB Datasheet
97Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP350-60UAP SPI-FSP350-60UAP Datasheet
98Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60UAP SPI-FSP400-60UAP Datasheet
169Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-60FAG SPI-FSP250-60FAG Datasheet
38Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com