Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90MT140KB Fiches technique(PDF) 5 Page - International Rectifier

No de pièce 90MT140KB
Description  THREE PHASE BRIDGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

90MT140KB Fiches technique(HTML) 5 Page - International Rectifier

  90MT140KB Datasheet HTML 1Page - International Rectifier 90MT140KB Datasheet HTML 2Page - International Rectifier 90MT140KB Datasheet HTML 3Page - International Rectifier 90MT140KB Datasheet HTML 4Page - International Rectifier 90MT140KB Datasheet HTML 5Page - International Rectifier 90MT140KB Datasheet HTML 6Page - International Rectifier 90MT140KB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
90-110MT..KB Series
5
Bulletin I27501 rev. A 05/03
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 6 - Current Ratings Characteristics
50
60
70
80
90
100
110
120
130
140
150
0
20
406080
100 120 140 160
Total Output Current (A)
120°
(Rect)
110MT..KB Series
1
10
100
1000
0
123
45
T= 25°C
J
Instantaneous Forward Voltage (V)
T= 150°C
110MT..KB Series
Per Junction
J
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
1.5 K/W
1 K/W
0.7 K
/W
0.5
K/W
0.3
K/W
0.2
K/W
0.1
2
K
/W
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
Total Output Current (A)
120°
(Rect)
90MT..KB Series
T = 150°C
J
200
250
300
350
400
450
500
550
600
650
700
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
90MT..KB Series
Initial T = 150°C
@ 60Hz 0.0083s
@ 50Hz 0.0100s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
150
200
250
300
350
400
450
500
550
600
650
700
750
800
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
90MT..KB Series
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
Versus Pulse Train Duration.
RRM
J


Numéro de pièce similaire - 90MT140KB

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
90MT140KPBF VISHAY-90MT140KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
More results

Description similaire - 90MT140KB

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
   Three Phase Bridge
Revision: 03-Mar-14
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
   THREE PHASE BRIDGE
logo
International Rectifier
130MT IRF-130MT Datasheet
94Kb / 7P
   THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
   Three Phase Bridge
Revision: 27-Feb-14
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
   THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0014 SSDI-RA0014 Datasheet
58Kb / 2P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
   Three Phase Bridge
Revision: 09-Apr-15
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com