Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1954A Fiches technique(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1954A
Description  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1954A Fiches technique(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1954A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1954A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TX0462 (Stratum III)
TX0472 (Femtocell)
TX0371B (UMTS)
TX0315B (UMTS)
TX0305A (Femtocell)
TX0445B (UMTS)
TX0362A
TW0472A
TW0508A
TX0617D
10
19.2
26
26
26
26
19.2
156.25
312.5
26
3.3
3.3
2.8
2.8
3.3
2.85
3.3
2.5
2.5
2.8
±1
±2
±2
±2
±2
±2
±1.5
±50
±50
±1
7.0x5.0
5.0x3.2
2.5x2.0
3.2x2.5
3.2x2.5
2.5x2.0
3.2x2.5
7.0x5.0
7.0x5.0
2.5x2.0
Voltage
(V)
Tolerance
(ppm)
Size
(mm)
P/N
Frequency
(MHz)
TCXO/VCTCXO/XO
APPLICATION : TPMS
TA1565A
TA1564A
433.92
315
2.6
2.4
0.3
0.36
3.0x3.0
3.0x3.0
Size
(mm)
P/N
Frequency
(MHz)
SAW Filter
Insertion Loss
(dB)
Band Width
(MHz)
Load Capacitance
(pF)
Tolerance
(ppm)
Size
(mm)
P/N
Frequency
(MHz)
TZ2382A
TZ1624C
TZ0659C
TZ2384B
TZ2666B
TZ0825E
TZ2691D
18.08
8
26
21.948717
19.6875
32
26
12
10
8
10
12
8
8
30
10
10
10
10
20
10
80
50
60
50
60
50
50
5.0x3.2
5.0x3.2
3.2x2.5
3.2x2.5
3.2x2.5
2.5x2.0
2.0x1.6
Stability
(ppm)
*LVPECL
*LVPECL
Address : No 3, Industrial 2nd Road, Ping-Chen Industrial District, Taoyuan, 324,Taiwan, R.O.C.
台灣嘉碩科技股份有限公 司
Tai-Saw Technology Co., Ltd.
桃園市平鎮工業區工業二路
3 號


Numéro de pièce similaire - TA1954A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1954A GOLLEDGE-TA1954A Datasheet
281Kb / 9P
   SAW Filter 1582.470MHz
More results

Description similaire - TA1954A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com