Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1804A Fiches technique(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1804A
Description  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1804A Fiches technique(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1804A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1804A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1804A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1804A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1804A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1804A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1804A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1804A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dedication•Trustworthinese
TZ1187A
TZ0260A
TZ2701A
TZ3021A
TZ1670D
TZ2779C
TZ1022B
TZ1185A
TZ1275A
TZ1402A
TZ0661B
TZ1325D
TZ1845A
TZ2486A
TZ2099E
26
26
32
16
16
26
26
16
16
26
26
26
26
16
37.4
9
12
12
6
8
10
7
7.1
9
10
9
8
9
8
10
±10
±10
±10
±10
±10
±10
±10
±10
±20
±10
±10
±10
±10
±10
±10
2.0x1.6
3.2x2.5
2.5x2.0
2.0x1.6
2.5x2.0
2.5x2.0
3.2x2.5
3.2x2.5
3.2x2.5
3.2x2.5
2.5x2.0
2.0x1.6
1.6x1.2
2.0x1.6
2.5x2.0
*low profile
Size
(mm)
P/N
Frequency
(MHz)
Tolerance
(ppm)
Crystal
Bluetooth
Load Capacitance
(pF)
*Automotive grade
TW0324C
TX0359B
48
40
1.8
2.5
±10
±8
2.5x2.0
3.2x2.5
Size
(mm)
P/N
Frequency
(MHz)
Voltage
(V)
Tolerance
(ppm)
TCXO/XO
TZ1778B
TZ2593C
TZ1987A
TZ2206B
TZ2099A
TZ1188A
TZ2323A
TZ2322A
TZ1188A
TZ1462B
TZ2300A
TZ1387A
19.2
26
37.4
37.4
37.4
38.4
48
48
38.4
38.4
26
26
7
16
16
10
10
8.3
7
7
8.3
10
11.5
11.2
±10
±8
±10
±10
±10
±10
±10
±10
±10
±10
±7
±10
2.5x2.0
2.0x1.6
1.6x1.2
2.0x1.6
2.5x2.0
2.0x1.6
2.0x1.6
2.5x2.0
2.0x1.6
3.2x2.5
2.5x2.0
3.2x2.5
Size
(mm)
P/N
Frequency
(MHz)
Load Capacitance
(pF)
Tolerance
(ppm)
Crystal
Combo Chip
Voltaqe
(V)
Tolerance
(ppm)
Size
(mm)
P/N
Frequency
(MHz)
TCXO/XO
TX0439C
TW0517A
TX0341E
TW0523A
TW0521A
TX0359B
TW0511A
TW0473C
TW0401D
24
37.4
26
24
25
40
80
40
40
1.68~3.0
1.8
2
1.8
3.3
2.5
3.3
2.5
2.5
±2
±50
±2
±25
±50
±8
±20
±10
±10
3.2x2.5
2.5x2.0
3.2x2.5
2.0x1.6
7.0x5.0
3.2x2.5
2.5x2.0
3.2x2.5
2.5x2.0
*EMI reduction/Spread Spectrum
*low phase noise
*low phase noise


Numéro de pièce similaire - TA1804A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1804B TAI-SAW-TA1804B Datasheet
746Kb / 9P
   SAW Filter 1582.469 MHz Rx SMD 1.1x0.9 mm (BW=46.834 MHz)
More results

Description similaire - TA1804A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com