Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML9303TRPBF Fiches technique(PDF) 2 Page - ZP Semiconductor

No de pièce IRLML9303TRPBF
Description  HEXFETPower MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZPSEMI [ZP Semiconductor]
Site Internet  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

IRLML9303TRPBF Fiches technique(HTML) 2 Page - ZP Semiconductor

  IRLML9303TRPBF Datasheet HTML 1Page - ZP Semiconductor IRLML9303TRPBF Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G
D
S
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
-3.7
–––
mV/°C
–––
135
165
–––
220
270
VGS(th)
Gate Threshold Voltage
-1.3
–––
-2.4
V
IDSS
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
RG
Internal Gate Resistance
–––
21
–––
gfs
Forward Transconductance
2.3
–––
–––
S
Qg
Total Gate Charge
–––
2.0
–––
Qgs
Gate-to-Source Charge
–––
0.57
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.2
–––
td(on)
Turn-On Delay Time
–––
7.5
–––
tr
Rise Time
–––14–––
td(off)
Turn-Off Delay Time
–––
9.0
–––
tf
Fall Time
–––
8.6
–––
Ciss
Input Capacitance
–––
160
–––
Coss
Output Capacitance
–––
39
–––
Crss
Reverse Transfer Capacitance
–––
25
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
12
18
ns
Qrr
Reverse Recovery Charge
–––
5.3
8.0
nC
–––
–––
–––
–––
pF
A
-1.3
-12
VDD =-15Vd
nA
nC
ns
VDS = VGS, ID = -10μA
VDS = -24V, VGS = 0V
VDS = -24V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = -4.5V, ID = -1.8A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -2.3A d
MOSFET symbol
showing the
VDS =-15V
Conditions
VGS = -4.5V
VGS = 0V
VDS = -25V
ƒ = 1.0KHz
RG = 6.8
VGS = -4.5V d
di/dt = 100A/μs
d
VGS = -20V
VGS = 20V
TJ = 25°C, IS = -1.3A, VGS = 0V d
integral reverse
p-n junction diode.
VDS = -10V, ID =-2.3A
ID = -2.3A
ID = -1.0A
TJ = 25°C, VR = -24V, IF=-1.3A
IRLML9303TRPbF
HEXFET® Power MOSFET
2 of 2
sales@zpsemi.com
www.zpsemi.com


Numéro de pièce similaire - IRLML9303TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML9303TRPBF IRF-IRLML9303TRPBF Datasheet
208Kb / 10P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLML9303TRPBF VBSEMI-IRLML9303TRPBF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com