Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD18340FV-M Fiches technique(PDF) 6 Page - Rohm

No de pièce BD18340FV-M
Description  Constant Current Controller for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD18340FV-M Fiches technique(HTML) 6 Page - Rohm

Back Button BD18340FV-M Datasheet HTML 2Page - Rohm BD18340FV-M Datasheet HTML 3Page - Rohm BD18340FV-M Datasheet HTML 4Page - Rohm BD18340FV-M Datasheet HTML 5Page - Rohm BD18340FV-M Datasheet HTML 6Page - Rohm BD18340FV-M Datasheet HTML 7Page - Rohm BD18340FV-M Datasheet HTML 8Page - Rohm BD18340FV-M Datasheet HTML 9Page - Rohm BD18340FV-M Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Datasheet
Datasheet
6/35
BD18340FV-M
BD18341FV-M
©2016 ROHM Co., Ltd. All rights reserved.
www.rohm.co.jp
TSZ22111・14・001
TSZ02201-0T1T0C700180-1-2
2016.04.21 Rev.002
Electrical Characteristics2
(Unless otherwise specified
Ta = -40 to +125°C, VIN = 13V, CVREG = 1.0µF, Transistor PNP = 2SAR573D)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
[ CRTIMER ]
CRT Terminal Charge Current
ICRT
36
40
44
μA
CRT Terminal Charge Voltage
VCRT_CHA
0.72
0.80
0.88
V
CRT Terminal
Discharge Voltage 1
VCRT_DIS1
1.80
2.00
2.20
V
CRT Terminal
Discharge Voltage 2
VCRT_DIS2
2.10
2.40
3.00
V
When VCRT > VCRT_DIS2,
RD1 -> RD2
CRT Terminal Charge Resistor
RCHA
28.5
30.0
31.5
kΩ
RCHA=
(VCRT_DIS1- VCRT_CHA)/ ICRT
CR Timer Discharge Constant
VCRT_CHA /
VCRT_DIS1
0.38
0.40
0.42
V / V
DISC Terminal ON Resistor 1
RDISC1
20
50
100
IDISC = 10mA
DISC Terminal ON Resistor 2
RDISC2
2.5
5.0
10
kΩ
IDISC = 100μA
PWMOUT Terminal
Output High Voltage
VPWMOUTH
4.0
-
5.5
V
IPWMOUT = -100μA
PWMOUT Terminal
Output Low Voltage
VPWMOUTL
-
-
0.5
V
IPWMOUT = 100μA
PWMOUT Terminal
Sink Current Capability
IPWMOUT
_SINK
-
-
0.5
mA
PWMOUT Terminal
Source Current Capability
IPWMOUT
_SOURCE
-0.5
-
-
mA
CRT Terminal Leakage Current
ICRT_LEAK
-
-
10
μA
VCRT = 70V
[ LED Open Detection ]
LED Open Detection Voltage
VOPD
1.1
1.2
1.3
V
VOPD = VIN - VOP
OP Terminal
Input Current
IOP
19
21
23
μA
VOP = VIN - 0.5V
[ Disable LED Open Detection Function at Reduced-Voltage]
OPM Terminal Source Current
IOPM
38
40
42
μA
VIN Terminal Disable LED Open
Detection Voltage
at Reduced-Voltage
VIN_OPM
VOPM
× 5.9
VOPM
× 6.0
VOPM
× 6.1
V
VIN terminal Voltage
OPM Terminal
Input Voltage Range
VOPM_R
1.0
-
2.2
V
[ Disable LED Open Detection Time Setting ]
Input Threshold Voltage
VDH
0.9
1.0
1.1
V
D Terminal Source Current
IDSOURCE
100
230
400
μA
D Terminal ON Resistor
RD
-
-
950
ID_EXT = 100μA


Numéro de pièce similaire - BD18340FV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18347EFV-M ROHM-BD18347EFV-M Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
BD18347EFV-ME2 ROHM-BD18347EFV-ME2 Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
More results

Description similaire - BD18340FV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
logo
ON Semiconductor
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
NCV7693 ONSEMI-NCV7693 Datasheet
268Kb / 13P
   Controller for Automotive LED Lamps
December, 2019 ??Rev. 1
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com