Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2606MVV Fiches technique(PDF) 6 Page - Rohm

No de pièce BD2606MVV
Description  6-Channel Charge Pump White LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2606MVV Fiches technique(HTML) 6 Page - Rohm

Back Button BD2606MVV Datasheet HTML 2Page - Rohm BD2606MVV Datasheet HTML 3Page - Rohm BD2606MVV Datasheet HTML 4Page - Rohm BD2606MVV Datasheet HTML 5Page - Rohm BD2606MVV Datasheet HTML 6Page - Rohm BD2606MVV Datasheet HTML 7Page - Rohm BD2606MVV Datasheet HTML 8Page - Rohm BD2606MVV Datasheet HTML 9Page - Rohm BD2606MVV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6/16
BD2606MVV
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
10.Dec.2015 Rev.002
TSZ02201-0G3G0C200400-1-2
Typical Performance Curves - continued
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
STATE[DEC]
Ta=85°C
Ta=-30°C
Ta=25°C
Figure 9. LED Current Characteristics
(Integral Linearity Error)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0
1
2
3
4
5
6
7
Input voltage: Vin[V]
Ta=25°C
Ta=85°C
Ta=-30°C
Figure 11. LED Current vs Input Voltage
(LED Current 16.5mA)
Input Voltage: VIN [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
STATE[DEC]
Ta=-30°C
Ta=25°C
Ta=85°C
Figure 10. LED Current Matching


Numéro de pièce similaire - BD2606MVV

FabricantNo de pièceFiches techniqueDescription
logo
BeRex Corporation
BD2626 BEREX-BD2626 Datasheet
822Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
logo
Inchange Semiconductor ...
BD263 ISC-BD263 Datasheet
187Kb / 2P
   isc Silicon NPN Darlingtion Power Transistor
logo
Rohm
BD26502GUL ROHM-BD26502GUL Datasheet
744Kb / 40P
   7x17(Max.) Dot Matrix LED Display Driver
More results

Description similaire - BD2606MVV

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com