Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD1LB500FVM-C Fiches technique(PDF) 4 Page - Rohm

No de pièce BD1LB500FVM-C
Description  In-Vehicle 1ch Low Side Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD1LB500FVM-C Fiches technique(HTML) 4 Page - Rohm

  BD1LB500FVM-C Datasheet HTML 1Page - Rohm BD1LB500FVM-C Datasheet HTML 2Page - Rohm BD1LB500FVM-C Datasheet HTML 3Page - Rohm BD1LB500FVM-C Datasheet HTML 4Page - Rohm BD1LB500FVM-C Datasheet HTML 5Page - Rohm BD1LB500FVM-C Datasheet HTML 6Page - Rohm BD1LB500FVM-C Datasheet HTML 7Page - Rohm BD1LB500FVM-C Datasheet HTML 8Page - Rohm BD1LB500FVM-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Datasheet
Datasheet
4/16
BD1LB500 Series
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.11.10 Rev.007
www.rohm.co.jp
TSZ22111・15・001
Electrical Characteristics (VDD=3.5V to 5.5V, -40°C≤ Tj≤+150°C unless otherwise is specified)
Item
Symbol
Limit values
Unit
Condition
Min
Typ
Max
[Power Supply Block]
Standby current
IDDS
0
10
μA
VDD=5V,VIN=0V,VB=12V,RL=47Ω
Operating current
IDD
0.5
1.0
mA
VDD=5V,VIN=5V,VB=12V,RL=47Ω
Under
voltage
lock
out
threshold voltage
VUVLO
2.5
3.0
V
[Input Block]
H level input voltage
VTH1
VDD×0.8
V
L level input voltage
VTH2
VDD×0.2
V
Input hysteresis
VHYS
0.40
V
High level input current
IINH1
50
100
μA
VIN=5V
Low level input current
IINL
-1
0
1
μA
VIN=0V
[Power MOS output]
Output ON resistance
RDS(ON)
350
450
mΩ
VIN=5V,
VDD=5V,ID=0.25A,Tj=25°C
RDS(ON)
570
750
mΩ
VIN=5V,
VDD=5V,ID=0.25A,Tj=150°C
Output leak current
IL(OFF)
10
μA
VIN=0V,VDS=12V,Tj=25°C
IL(OFF)
100
μA
VIN=0V,VDS=12V,Tj=150°C
Switching time
tON
20
40
μs
VDD=5V,VIN=0V/5V, RL=47Ω
tOFF
20
40
μs
VDD=5V,VIN=0V/5V, RL=47Ω
Slew rate (at ON)
dV/dtON
0.5
1
2
V/μs
VDD=5V,VIN=0V/5V, RL=47Ω
Slew rate (at OFF)
-dV/dtOFF
0.5
1
2
V/μs
VDD=5V,VIN=0V/5V, RL=47Ω
Output clamp voltage
VCL
42
47
52
V
VIN=0V,IOUT=-1mA
[Diagnostic output]
Diagnostic output voltage
“L level”
VSTL
0.4
V
VDD=5V,VIN=5V,IST=0.1mA
Diagnostic output voltage
“H level”
VSTH
4.88
V
VDD=5V,VIN=0V,IST=-0.1mA
Diagnostic output current
“H level”
ISTH
10
μA
VIN=0V,VST=5.5V


Numéro de pièce similaire - BD1LB500FVM-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1LB500FVM-C ROHM-BD1LB500FVM-C Datasheet
762Kb / 19P
   In-Vehicle 1ch Low Side Switch
More results

Description similaire - BD1LB500FVM-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1LB500 ROHM-BD1LB500 Datasheet
762Kb / 19P
   In-Vehicle 1ch Low Side Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LC105FJ-C ROHM-BV1LC105FJ-C Datasheet
1Mb / 26P
   1ch/2ch Low Side Switch IC
BV1LA025EFJ-C ROHM-BV1LA025EFJ-C Datasheet
1Mb / 26P
   Automotive IPD 1ch Low Side Switch
19.Aug.2020 Rev.001
BV1LB045FPJ-C ROHM-BV1LB045FPJ-C Datasheet
1Mb / 24P
   Automotive IPD 1ch Low Side Switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com