Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9620SPbF Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce IRF9620SPbF
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF9620SPbF Fiches technique(HTML) 5 Page - Vishay Siliconix

  IRF9620SPbF Datasheet HTML 1Page - Vishay Siliconix IRF9620SPbF Datasheet HTML 2Page - Vishay Siliconix IRF9620SPbF Datasheet HTML 3Page - Vishay Siliconix IRF9620SPbF Datasheet HTML 4Page - Vishay Siliconix IRF9620SPbF Datasheet HTML 5Page - Vishay Siliconix IRF9620SPbF Datasheet HTML 6Page - Vishay Siliconix IRF9620SPbF Datasheet HTML 7Page - Vishay Siliconix IRF9620SPbF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 91083
www.vishay.com
S11-1051-Rev. C, 30-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF9620S, SiHF9620S
Vishay Siliconix
Fig. 12 - Typical On-Resistance vs. Drain Current
Fig. 13 - Maximum Drain Current vs. Case Temperature
Fig. 14 - Power vs. Temperature Derating Curve
Fig. 15 - Clamped Inductive Test Circuit
Fig. 16 - Clamped Inductive Waveforms
Fig. 17a - Switching Time Test Circuit
Fig. 17b - Switching Time Waveforms
91083_12
ID, Drain Current (A)
R
DS(on) measured with current
pulse of 2.0 µs duration. Initial
T
J = 25 °C. (Heating effect of
2.0 µs pulse is minimal.)
0
1
2
3
4
5
0
- 20
- 16
- 8
- 4
- 12
V
GS = - 10 V
V
GS = - 20 V
150
TC, Case Temperature (°C)
0.0
1.5
2.0
2.5
3.0
3.5
25
91083_13
125
100
75
50
1.0
0.5
TC, Case Temperature (°C)
40
35
20
0
5
0
20
100
80
60
40
91083_14
140
120
30
25
15
10
0.05
Ω
D.U.T.
L
V
DS
+
-
V
DD
VGS = - 10 V
Vary tp to obtain
required IL
tp
VDD = 0.5 VDS
EC = 0.75 VDS
EC
IL
VDD
VDS
tp
EC
IL
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
- 10 V
V
DS
V
DD
V
GS
10 %
90 %
V
DS
t
d(on)
t
r
t
d(off)
t
f


Numéro de pièce similaire - IRF9620SPbF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9620SPBF IRF-IRF9620SPBF Datasheet
1Mb / 9P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF9620SPBF VISHAY-IRF9620SPBF Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Description similaire - IRF9620SPbF

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com