Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS106 Fiches technique(PDF) 9 Page - SynQor Worldwide Headquarters

No de pièce CS106
Description  All capacitors are X7R multi-layer ceramic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNQOR [SynQor Worldwide Headquarters]
Site Internet  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS106 Fiches technique(HTML) 9 Page - SynQor Worldwide Headquarters

  CS106 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 9
MCOTS-F-270-P-QT
Current: 4A
Application Notes
A variety of application notes and technical white papers can be
downloaded in pdf format from our website.
Example MCOTS-F-270-P-QT-N-S
Ordering Information
Family
Product
Input Voltage Filter Type
Package
Thermal Design Screening Level
MCOTS
F: Filter
28:
48:
270:
-40V to +40V
-80V to +80V
-500V to +500V
P:
T:
Passive
Transient
QT:
HT:
Quarter Brick
Half Brick
N:
F:
Normal Threaded
Flanged
S:
M:
S-Grade
M-Grade
Not all combinations make valid part numbers, please contact SynQor for availability. See the Product Summary web page for more options.
Warranty
SynQor offers a two (2) year limited warranty. Complete warranty information
is listed on our website or is available upon request from SynQor.
Contact SynQor for further information and to order:
Phone:
978-849-0600
Toll Free:
888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address:
155 Swanson Road
Boxborough, MA 01719
USA
PATENTS
SynQor holds numerous U.S. patents, one or more of which apply to most of its power conversion
products. Any that apply to the product(s) listed in this document are identified by markings on
the product(s) or on internal components of the product(s) in accordance with U.S. patent laws.
SynQor’s patents include the following:
5,999,417
6,222,742
6,545,890
6,594,159
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
7,558,083
7,564,702
7,765,687
7,787,261
8,023,290
8,149,597
8,493,751
8,644,027
9,143,042


Numéro de pièce similaire - CS106

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
CS1060CT-A CITC-CS1060CT-A Datasheet
465Kb / 3P
   10A Low Barrier Diode
More results

Description similaire - CS106

FabricantNo de pièceFiches techniqueDescription
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com