Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9204202XC Fiches technique(PDF) 9 Page - Vishay Siliconix

No de pièce 9204202XC
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

9204202XC Fiches technique(HTML) 9 Page - Vishay Siliconix

Back Button 9204202XC Datasheet HTML 5Page - Vishay Siliconix 9204202XC Datasheet HTML 6Page - Vishay Siliconix 9204202XC Datasheet HTML 7Page - Vishay Siliconix 9204202XC Datasheet HTML 8Page - Vishay Siliconix 9204202XC Datasheet HTML 9Page - Vishay Siliconix 9204202XC Datasheet HTML 10Page - Vishay Siliconix 9204202XC Datasheet HTML 11Page - Vishay Siliconix 9204202XC Datasheet HTML 12Page - Vishay Siliconix 9204202XC Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Document Number: 67952
www.vishay.com
S11-1003-Rev. A, 23-May-11
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408MIL, DG409MIL
Vishay Siliconix
SCHEMATIC DIAGRAM (Typical Channel)
Fig. 1
TEST CIRCUITS
Fig. 2 - Transition Time
EN
A0
S1
D
V+
Sn
V-
Decode/
Drive
Level
Shift
V-
V+
VREF
AX
GND
V+
A1
A0
A2
A1
A0
+ 15 V
- 15 V
EN
V+
V-
GND
D
35 pF
VO
S1
S2 - S7
S8
50
Ω
300
Ω
± 10 V
± 10 V
+ 15 V
- 15 V
EN
V+
V-
GND
35 pF
VO
S1
S1a - S4a, Da
S4b
50
Ω
300
Ω
± 10 V
± 10 V
Db
Logic
Input
Switch
Output
VS8
VO
tTRANS
tr < 20 ns
tf < 20 ns
S8 ON
S1 ON
tTRANS
0 V
VS1
50 %
90 %
90 %
3 V
0 V
DG408
DG409


Numéro de pièce similaire - 9204202XC

FabricantNo de pièceFiches techniqueDescription
logo
Weidmuller
9204260000 WEIDMULLER-9204260000 Datasheet
128Kb / 2P
   Accessories, Spare cutting blade
September 28, 2021
More results

Description similaire - 9204202XC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com