Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1153ADS41 Fiches technique(PDF) 11 Page - Asahi Kasei Microsystems

No de pièce AP1153ADS41
Description  14V Input / 100mA Output LDO Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1153ADS41 Fiches technique(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP1153ADS41 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1153ADS41 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1153ADS41 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1153ADS41 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1153ADS41 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1153ADS41 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1153ADS41 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1153ADS41 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1153ADS41 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
[AP1153ADSXX]
015000869-E-00
- 11 -
2015/01
11. Description
11.1 DC Characteristics
 Line Regulation
Test conditions
Cnp
0.001F
Cout
1.0F
Iout=5mA
Cin
1.0F
Vcont
1.8V
Vin
=Vout
TYP+1V
Vin
Vout
Vcont
Np
 Iin vs V
IN
Iout=0mA
 Quiescent Current
Iout=0mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
2
4
6
8
10
12
14
16
Vin (V)
Vout=
1.5,2.0,3.0,4.0,5.0V
 Load Regulation
 Peak Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
50
100
150
200
250
300
Iout (mA)
5.0V
4.0V
3.0V
2.0V
1.5V
Vout=


Numéro de pièce similaire - AP1153ADS41

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AP1153ADS41 HUAXINAN-AP1153ADS41 Datasheet
1Mb / 29P
   Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1153ADS41 AKM-AP1153ADS41 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Description similaire - AP1153ADS41

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com