Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1156ADS14 Fiches technique(PDF) 8 Page - Asahi Kasei Microsystems

No de pièce AP1156ADS14
Description  Negative Input / Output Voltage LDO Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1156ADS14 Fiches technique(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP1156ADS14 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1156ADS14 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1156ADS14 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1156ADS14 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1156ADS14 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1156ADS14 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1156ADS14 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1156ADS14 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1156ADS14 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
[AP1156ADSXX]
014011333-E-00
- 8 -
2014/10
11. Description
11.1 DC Characteristics
Unless otherwise specified Vin=-3.5V, Vcont=1.5V, Cin=1.0uF (MLCC),Cout=1.0uF(MLCC),Cnp=0.01uF
Ta=25C
Icont
Vcont
0.01
F
1
F
Vin
Cin
Vout
Cout
Cnp
1
3
2
5
4
VEE
Vout
Np
GND
Cont
Iout
V
A
1
F
A
Iin
Ignd
Iin (Iout=0mA)
Dropout Voltage
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
5
10
15
20
Vin (-V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
Iout (mA)
0
1
2
3
4
5
6
0
100
200
300
400
Iout (mA)


Numéro de pièce similaire - AP1156ADS14

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AP1156ADS15 AKM-AP1156ADS15 Datasheet
780Kb / 25P
   Negative Input / Output Voltage LDO Regulator
More results

Description similaire - AP1156ADS14

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AP1156ADSXX HUAXINAN-AP1156ADSXX Datasheet
792Kb / 24P
   Negative Input / Output Voltage LDO Regulator
logo
Asahi Kasei Microsystem...
AP1156ADS15 AKM-AP1156ADS15 Datasheet
780Kb / 25P
   Negative Input / Output Voltage LDO Regulator
AP1155ADU AKM-AP1155ADU Datasheet
737Kb / 23P
   15V Input / 1A Output Adjustable Voltage LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
logo
Mitsumi Electronics, Co...
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
   Negative output 200mA LDO
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
logo
Asahi Kasei Microsystem...
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1152ADU33 AKM-AP1152ADU33 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
AP1152ADUXX AKM-AP1152ADUXX Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com