Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1159ADSXX Fiches technique(PDF) 11 Page - Asahi Kasei Microsystems

No de pièce AP1159ADSXX
Description  14V Input / 100mA Low voltage Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1159ADSXX Fiches technique(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP1159ADSXX Datasheet HTML 7Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 8Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 9Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 10Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 11Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 12Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 13Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 14Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
[AP1159ADS]
Rev.
0.1
- 11 -
2014/09
■VOUT ON/OFF Point
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-20
0
20
40
60
80
100
TA [C]
VOUT ON
VOUT OFF
11.3
Ripple Rejection
■C
OUT=0.47, 1.0, 2.2, 4.7, 10μF
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
100k
1M
Freqency [Hz]
COUT=0.47, 1.0, 2.2, 4.7, 10F
IOUT=10mA
■R.R vs I
OUT (Frequency=1kHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
10
20
30
40
50
60
70
80
90 100
IOUT [mA]
11.4
Line Transient
■ I
OUT=1, 30, 100mA
■ C
OUT=10, 4.7, 2.2, 1.0, 0.47μF (IOUT=1mA)
1msec/div
Time
V
OUT
10mV/div
1V/div
VIN
IOUT=1, 30, 100mA
2.2V
3.2V
1msec/div
Time
V
OUT
10mV/div
1V/div
VIN
COUT=10, 4.7, 2.2, 1.0, 0.47F
2.2V
3.2V


Numéro de pièce similaire - AP1159ADSXX

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AP1159ADS HUAXINAN-AP1159ADS Datasheet
540Kb / 19P
   Low voltage Output LDO Regulator
More results

Description similaire - AP1159ADSXX

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com