Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1154ADLXX Fiches technique(PDF) 3 Page - Asahi Kasei Microsystems

No de pièce AP1154ADLXX
Description  14V Input / 1A Output LDO Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1154ADLXX Fiches technique(HTML) 3 Page - Asahi Kasei Microsystems

  AP1154ADLXX Datasheet HTML 1Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 2Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 3Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 4Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 5Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 6Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 7Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 8Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
[AP1154ADLXX]
014011332-E-01
- 3 -
2015/07
5. Block Diagram
V
In
V
Cont
C
In=1.0F
GND
PCL
C
Out=1.0F
V
Out
V
Ref
On/Off
Control
Thermal &
Over Current
Protection
Disconnect
Circuit
Figure 1. Block Diagram
6. Ordering Information
AP1154ADLXX
Ta = -40 to 85°C
HSOP-8
・ Output Voltage Code
For product name, please check the below chart. Please contact your authorized ASAHI KASEI
MICRODEVICES representative for voltage availability.
AP1154ADLXX
Table 1. Standard Voltage Version, Output Voltage & Voltage Code
XX
VOUT
XX
VOUT
XX
VOUT
18
1.8
25
2.5
33
3.3
21
2.1
30
3.0
50
5.0
Output voltage code
Vin
Vout
Vcont


Numéro de pièce similaire - AP1154ADLXX

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
More results

Description similaire - AP1154ADLXX

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com