Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVEL92DWR2G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC100LVEL92DWR2G
Description  5V Triple PECL Input to LVPECL Output Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL92DWR2G Fiches technique(HTML) 3 Page - ON Semiconductor

  MC100LVEL92DWR2G Datasheet HTML 1Page - ON Semiconductor MC100LVEL92DWR2G Datasheet HTML 2Page - ON Semiconductor MC100LVEL92DWR2G Datasheet HTML 3Page - ON Semiconductor MC100LVEL92DWR2G Datasheet HTML 4Page - ON Semiconductor MC100LVEL92DWR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC100LVEL92
www.onsemi.com
3
Table 3. PECL INPUT DC CHARACTERISTICS (VCC = 5.0 V; LVCC = 3.3 V; GND = 0 V Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IVCC
PECL Power Supply Current
12
12
12
mA
VIH
Input HIGH Voltage (Single-Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single-Ended)
3190
3515
3190
3525
3190
3525
mV
PECL VBB Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR
Input HIGH Voltage Common Mode
Range (DIfferential) (Note 2)
Vpp < 500 mV
Vpp ≥ 500 mV
1.3
1.5
4.8
4.8
1.2
1.4
4.8
4.8
1.2
1.4
4.8
4.8
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−600
0.5
−600
0.5
−600
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input parameters vary 1:1 with VCC. VCC can vary 4.5 V to 5.5 V.
2. VIHCMR min varies 1:1 with GND. VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin
and 1.0 V.
Table 4. LVPECL OUTPUT DC CHARACTERISTICS (VCC = 5.0 V; LVCC = 3.3 V; GND = 0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ILVCC
LVPECL Power Supply Current
20
20
21
mA
VOH
Output HIGH Voltage (Note 2)
2215
2295
2420
2275
2345
2420
2275
2345
2420
mV
VOL
Output LOW Voltage (Note 2)
1470
1605
1745
1490
1595
1680
1490
1595
1680
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Output parameters vary 1:1 with LVCC. VCC can vary 3.0 V to 3.8 V.
2. Outputs are terminated through a 50 W resistor to LVCC − 2.0 V.


Numéro de pièce similaire - MC100LVEL92DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEL92DWR2G ONSEMI-MC100LVEL92DWR2G Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com