Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1654T Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TEA1654T
Description  GreenChipII SMPS control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1654T Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TEA1654T Datasheet HTML 2Page - NXP Semiconductors TEA1654T Datasheet HTML 3Page - NXP Semiconductors TEA1654T Datasheet HTML 4Page - NXP Semiconductors TEA1654T Datasheet HTML 5Page - NXP Semiconductors TEA1654T Datasheet HTML 6Page - NXP Semiconductors TEA1654T Datasheet HTML 7Page - NXP Semiconductors TEA1654T Datasheet HTML 8Page - NXP Semiconductors TEA1654T Datasheet HTML 9Page - NXP Semiconductors TEA1654T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2003 May 12
6
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1654
Current mode control
Current mode control is used for its good line regulation
behaviour.
The ‘on-time’ is controlled by the internally inverted control
pin voltage, which is compared with the primary current
information. The primary current is sensed across an
external resistor. The driver output is latched in the logic,
preventing multiple switch-on.
The internal control voltage is inversely proportional to the
external control pin voltage, with an offset of 1.5 V. This
means that a voltage range from 1 to 1.5 V on pin CTRL
will result in an internal control voltage range from
0.5 to 0 V (a high external control voltage results in a low
duty cycle).
Oscillator
The maximum fixed frequency of the oscillator is set by an
internal current source and capacitor. The maximum
frequency is reduced once the control voltage enters the
VCO control window. Then, the maximum frequency
changes linearly with the control voltage until the minimum
frequency is reached (see Figs 5 and 6).
VCO adjustment
The VCOadj pin can be used to set the VCO operation
point. As soon as the peak voltage on the sense resistor is
controlled below half the voltage on the VCOadj pin (VCO1
level), frequency reduction will start. The actual peak
voltage on sense will be somewhat higher due to switch-off
delay (see Fig.7). The frequency reduction will stop
approximately 25 mV lower (VCO2 level), when the
minimum frequency is reached.
Cycle skipping
At very low power levels, a cycle skipping mode will be
activated. A high control voltage will reduce the switching
frequency to a minimum of 24 kHz. If the voltage on the
control pin has raised even more, switch-on of the external
power MOSFET will be inhibited until the voltage on the
control pin has dropped to a lower value again (see Fig.7).
For system accuracy, it is not the absolute voltage on the
control pin that will trigger the cycle skipping mode, but a
signal derived from the internal VCO will be used.
Remark: If the no-load requirement of the system is such
that the output voltage can be regulated to its intended
level at a switching frequency of 24 kHz or above, the
cycle skipping mode will not be activated.
handbook, halfpage
VCO
fixed
quasi resonant
P (W)
MDB217
f
(kHz)
24
65
Fig.4 Multi mode operation.
handbook, halfpage
VCTRL
1 V
(typ)
0.52 V
1.5 V
(typ)
MGU233
Vsense(max)
Fig.5 Vsense(max) as a function of VCTRL.
handbook, halfpage
Vsense(max) (V)
MCE407
f
(kHz)
24
65
VCO2
level
VCO1
level
Fig.6 VCO frequency as a function of Vsense(max).


Numéro de pièce similaire - TEA1654T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1610 PHILIPS-TEA1610 Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1610T PHILIPS-TEA1610T Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610T NXP-TEA1610T Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
More results

Description similaire - TEA1654T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1552 PHILIPS-TEA1552 Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2002 Aug 27
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
   GreenChip SMPS control IC
2002 Aug 23
TEA1833LTS PHILIPS-TEA1833LTS Datasheet
255Kb / 24P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1832TS PHILIPS-TEA1832TS Datasheet
242Kb / 23P
   GreenChip SMPS control IC
Rev. 1-16 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com