Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70-04 Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce BAS70-04
Description  Silicon Schottky Diode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70-04 Fiches technique(HTML) 2 Page - Infineon Technologies AG

  BAS70-04 Datasheet HTML 1Page - Infineon Technologies AG BAS70-04 Datasheet HTML 2Page - Infineon Technologies AG BAS70-04 Datasheet HTML 3Page - Infineon Technologies AG BAS70-04 Datasheet HTML 4Page - Infineon Technologies AG BAS70-04 Datasheet HTML 5Page - Infineon Technologies AG BAS70-04 Datasheet HTML 6Page - Infineon Technologies AG BAS70-04 Datasheet HTML 7Page - Infineon Technologies AG BAS70-04 Datasheet HTML 8Page - Infineon Technologies AG BAS70-04 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2014-02-13
2
BAS70.../BAS170W
Type
Package
Configuration
LS(nH) Marking
BAS170W
BAS70
BAS70-02L
BAS70-02V
BAS70-02W*
BAS70-04
BAS70-04S
BAS70-04W
BAS70-05
BAS70-05W
BAS70-06
BAS70-06W
BAS70-07
BAS70-07W
SOD323
SOT23
TSLP-2-1
SC79
SCD80
SOT23
SOT363
SOT323
SOT23
SOT323
SOT23
SOT323
SOT143
SOT343
single
single
single, leadless
single
single
series
dual series
series
common cathode
common cathode
common anode
common anode
parallel pair
parallel pair
1.8
1.8
0.4
0.6
0.6
1.8
1.6
1.4
1.8
1.4
1.8
1.4
2
1.8
white 7
73s
F
c
73
74s
74s
74s
75s
75s
76s
76s
77s
77s
* Not for new design
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
70
V
Forward current
IF
70
mA
Non-repetitive peak surge forward current
t
≤ 10ms
IFSM
100
Total power dissipation
BAS70, BAS70-07, TS ≤ 72 °C
BAS70-02L, TS ≤ 117 °C
BAS70-02W, -02V, TS ≤ 107 °C
BAS70-04, BAS70-06, TS ≤ 48 °C
BAS70-04S/W/-06W, BAS170W, TS ≤ 97 °C
BAS70-05, TS ≤ 22 °C
BAS70-05W, TS ≤ 90 °C
BAS70-07W, TS ≤ 114 °C
Ptot
250
250
250
250
250
250
250
250
mW
Junction temperature
TJ
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
TStg
-55 ... 150


Numéro de pièce similaire - BAS70-04

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
BAS70-04 KEXIN-BAS70-04 Datasheet
743Kb / 2P
   Schottky Diodes
logo
NXP Semiconductors
BAS70-04 PHILIPS-BAS70-04 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
Galaxy Semi-Conductor H...
BAS70-04 BILIN-BAS70-04 Datasheet
533Kb / 3P
   Surface mount schottky barrier diode
logo
NXP Semiconductors
BAS70-04 PHILIPS-BAS70-04 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Micro Commercial Compon...
BAS70-04 MCC-BAS70-04 Datasheet
272Kb / 4P
   Surface Mount Schottky Barrier Diode 200 mWatt
More results

Description similaire - BAS70-04

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com