Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-105310-100 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce SD-105310-100
Description  HEADER OF NANO-FIT, D/R, KINK, VERTICAL POWER CONNECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-105310-100 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  SD-105310-100 Datasheet HTML 1Page - Molex Electronics Ltd. SD-105310-100 Datasheet HTML 2Page - Molex Electronics Ltd. SD-105310-100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
DRAWING SIZE
THIRD ANGLE PROJECTION
A3
4 PLACES
±
3 PLACES
±
0.1
2 PLACES
±
0.2
1 PLACE
±
0.3
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
DOCUMENT NUMBER
DOC TYPE
DOC PART
SD-105310-100
PSD
000
HEADER OF NANO-FIT, D/R, KINK, VERTICAL
POWER CONNECTOR
PRODUCT CUSTOMER DRAWING
SERIES
MATERIAL NUMBER
CUSTOMER
GENERAL MARKET
105310
SEE CHART
DIMENSION UNITS
SCALE
MM
3:1
DRWN BY
DATE
GLLI
2013/10/30
CHK'D BY
DATE
APPR BY
DATE
AYIN
2015/04/08
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
GENERAL
TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL ± 3.0 °
SHEET NUMBER
2 OF 3
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
QUALITY
SYMBOLS
=
0
=
0
=
0
=
0
=
0
=
0
=
0
C
=
0
FORMAT: master-tb-prod-A3
REVISION: F
DATE: 2015/11/16
RELEASE STATUS
P1
RELEASE DATE
06.07.2016
08:27:36
PART NUMBER DIM 'A' DIM 'B' CKT SIZE
PLATING
105310-1204
5.94
2.50
4
GOLD 0.38
105310-1206
8.44
5.00
6
105310-1208
10.94
7.50
8
105310-1210
13.44
10.00
10
105310-1212
15.94
12.50
12
105310-1214
18.44
15.00
14
105310-1216
20.94
17.50
16
105310-1304
5.94
2.50
4
GOLD 0.76
105310-1306
8.44
5.00
6
105310-1308
10.94
7.50
8
105310-1310
13.44
10.00
10
105310-1312
15.94
12.50
12
105310-1314
18.44
15.00
14
105310-1316
20.94
17.50
16
TBD
TIN
COLOR: BLACK
PART NUMBER DIM 'A' DIM 'B' CKT SIZE
PLATING
105310-2204
5.94
2.50
4
GOLD 0.38
105310-2206
8.44
5.00
6
105310-2208
10.94
7.50
8
105310-2210
13.44
10.00
10
105310-2212
15.94
12.50
12
105310-2214
18.44
15.00
14
105310-2216
20.94
17.50
16
105310-2304
5.94
2.50
4
GOLD 0.76
105310-2306
8.44
5.00
6
105310-2308
10.94
7.50
8
105310-2310
13.44
10.00
10
105310-2312
15.94
12.50
12
105310-2314
18.44
15.00
14
105310-2316
20.94
17.50
16
TBD
TIN
COLOR: NATURAL
105310- * * * *
CIRCUIT SIZE
PLATING OPTION
1 - TIN
2 - GOLD 0.38
3 - GOLD 0.76
COLOR OPTION
1 - BLACK
2 - NATURAL
NOTES FOR ALL PARTS
1> MATERIAL:
HOUSING: LCP; TERMINAL: BRASS; SOLDER CLIP: BRASS.
2> PLATING FINISHED:
TERMINAL:
CONTACT AREA: a. TIN 1.5MICRONS MIN; b. GOLD 0.38 MICRONS MIN;
c. GOLD 0.76 MICRONS MIN.
SOLDER AREA: TIN 1.5 MICRONS MIN, UNDER PLATING NICKEL 1.25
MICRONS MIN.
SOLDER CLIP: TIN 2.5 MICRONS MIN, UNDER PLATING NICKEL 1.25 MICRONS MIN.
3> PRODUCT SPECIFICATION: PS-105300-100.
4> PACKAGE: TRAY, PK-105309-100.
5> ALL COMPONENTS AND PRODUCT COMPLIANT TO RoHS DIRECTIVE 2011/65/EU
AND ELV DIRECTIVE 2000/53/EC.
6> PRODUCT MATE WITH SERIES OF 105308(RECEPTACLE), 105300(CRIMP TERMINAL).
7> PARTS CONFORM TO CLASS 'B'REQUIREMENTS OF COSMETIC SPECIFICATION
PS-45499-002.
8> DISCOLORATION IN THE BANDOLIER PIN CARRIER AREA OF THE PIN IS INHERENT TO
THE PLATING PROCESS AND IS DUE TO THE MASKING DEFECT OF THE CARRIER, THIS
DISCOLORATION IS IN A NON-FUNCTION AREA OF THE PIN AND WILL NOT AFFECT
THE PERFORMANCE OF THE HEADER ASSEMBLY.


Numéro de pièce similaire - SD-105310-100

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-105300-100 MOLEX11-SD-105300-100 Datasheet
361Kb / 3P
   CRIMP TERMINAL FOR NANO-FIT RECEPTACLE POWER CONNECTOR
SD-105307-100 MOLEX11-SD-105307-100 Datasheet
359Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
More results

Description similaire - SD-105310-100

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
1053141106_SD ETC-1053141106_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
1053141110_SD ETC-1053141110_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
1053141108_SD ETC-1053141108_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
logo
Molex Electronics Ltd.
SD-105307-100 MOLEX11-SD-105307-100 Datasheet
359Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
logo
List of Unclassifed Man...
1053072202_SD ETC-1053072202_SD Datasheet
361Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
2019/04/17
logo
TE Connectivity Ltd
C-2169869 TEC-C-2169869 Datasheet
321Kb / 2P
   IMPACT POWER 5PAIR R/A HEADER PRESS-FIT
logo
Molex Electronics Ltd.
SD-105300-100 MOLEX11-SD-105300-100 Datasheet
361Kb / 3P
   CRIMP TERMINAL FOR NANO-FIT RECEPTACLE POWER CONNECTOR
logo
Assmann Electronics Inc...
A-MOT-E-8-8 ASSMANN-A-MOT-E-8-8 Datasheet
50Kb / 1P
   Kink protection boot
logo
Molex Electronics Ltd.
451300810 MOLEX-451300810 Datasheet
152Kb / 1P
   Nano-Fit 8 Circuit 1M
2016/12/05
451300401 MOLEX-451300401 Datasheet
149Kb / 1P
   Nano-Fit 4 Circuit 150MM
2016/12/05
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com