Moteur de recherche de fiches techniques de composants électroniques |
|
BD2243G-GTR Fiches technique(PDF) 3 Page - Rohm |
|
BD2243G-GTR Fiches technique(HTML) 3 Page - Rohm |
3 / 30 page 3/26 Datasheet BD2222G BD2242G BD2243G © 2012 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111 ・ 15 ・ 001 TSZ02201-0E3E0H300280-1-2 9.JUN.2014 Rev.004 Absolute Maximum Ratings(Ta=25°C) Parameter Symbol Rating Unit IN Supply Voltage VIN -0.3 to +7.0 V EN Input Voltage VEN -0.3 to +7.0 V ILIM Voltage VILIM -0.3 to +7.0 V ILIM Source Current IILIM 1 mA /OC Voltage V/OC -0.3 to +7.0 V /OC Sink Current I/OC 10 mA OUT Voltage VOUT -0.3 to +7.0 V Storage Temperature Tstg -55 to +150 °C Power Dissipation (Note1) Pd 0.67 W (Note 1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.4mW per 1 ℃ above 25 ℃ Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is operated in a special mode exceeding the absolute maximum ratings. Recommended Operating Conditions Parameter Symbol Rating Unit Min Typ Max IN Operating Voltage VIN 2.8 5.0 5.5 V Operating Temperature TOPR -40 - +85 °C Electrical Characteristics (VIN = 5V, RLIM =20kΩ, Ta = 25°C, unless otherwise specified.) DC Characteristics Parameter Symbol Limit Unit Conditions Min Typ Max Operating Current IDD - 120 168 µA VEN = 5V, VOUT = open, (BD2222G, BD2242G) VEN = 0V, VOUT = open, (BD2243G) Standby Current ISTB - 0.01 5 µA VEN = 0V, VOUT = open, (BD2222G, BD2242G) VEN = 5V, VOUT = open, (BD2243G) EN Input Voltage VENH 2.0 - - V High input VENL - - 0.8 V Low input EN Input Leakage IEN -1 0.01 1 µA VEN = 0V or 5V On-Resistance RON - 89 120 mΩ IOUT = 500mA Reverse Leak Current IREV - - 1 µA VOUT = 5V, VIN = 0V Current Limit Threshold ITH 112 212 313 mA RLIM = 100kΩ 911 1028 1145 RLIM = 20kΩ 1566 1696 1826 RLIM = 12kΩ Output Discharge Resistance RDISC 30 60 120 Ω IOUT = -1mA, VEN = 0V (BD2242G) IOUT = -1mA, VEN = 5V (BD2243G) /OC Output Low Voltage V/OC - - 0.4 V I/OC = -1mA UVLO Threshold VTUVH 2.35 2.55 2.75 V VIN increasing VTUVL 2.30 2.50 2.70 V VIN decreasing |
Numéro de pièce similaire - BD2243G-GTR |
|
Description similaire - BD2243G-GTR |