Moteur de recherche de fiches techniques de composants électroniques |
|
LM1921T Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM1921T Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
2 / 6 page Absolute Maximum Ratings If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage Operating Range 475V to 26V Overvoltage Protection (100 ms) b 50V to a60V Internal Power Dissipation Internally Limited Operating Temperature Range b 40 Cto a125 C Maximum Junction Temperature 150 C Storage Temperature Range b 65 Cto a150 C Lead Temp (Soldering 10 seconds) 230 C Electrical Characteristics (VCCe12V IOUTe500 mA TJe25 C VONOFFe2V unless otherwise specified) Tested Limits Design Limits Parameter Conditions Typ (Note 1) (Note 2) Units Min Max Min Max Supply Voltage Operational 475 26 6 24 V Survival b 15 60 VDC Transient 100 ms 1% Duty Cycle b 50 V Supply Current VONOFFe0 06 15 mA VONOFFe2V IOUTe0 mA 6 10 mA IOUTe250 mA 285 350 mA IOUTe500 mA 575 700 mA IOUTe1A 13 15 A Input to Output IOUTe500 mA 05 08 V Voltage Drop IOUTe1A 10 V Short Circuit Current 14 10 20 A 6VsVCCs24V 75 30 A Output Leakage Current VONOFFe0 01 50 m A ONOFF Voltage 13 08 20 V Threshhold 6VsVCCs24V 08 20 V ONOFF Current 15 10 30 m A Overvoltage Shutdown 32 26 36 V Thermal Resistance junction-case i jc 3 CW case-ambient i ca 50 CW Inductive Clamp Output Voltage VONOFFe0 IOUTe100 mA b 60 b 120 b 45 V Fault Conditions Output Current ONOFF Floating Pin 5 Open 01 50 m A Ground Floating Pin 3 Pin 4 Open 01 50 m A Reverse Voltage VCCeb15V b 001 b 1mA Reverse Transient VCCeb50V b 100 mA Overvoltage VCCea60V 001 1 mA Supply Current Pin 1 Pin 2 Short No load 10 40 mA Note 1 Guaranteed and 100% production tested Note 2 Guaranteed not necessarily 100% production tested Not used to calculate outgoing AQL Limits are for the temperature range of b40 CsTjs150 C 2 |
Numéro de pièce similaire - LM1921T |
|
Description similaire - LM1921T |