Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-3A Datasheet(Fiches technique) 3 Page - Copal Electronics

Numéro de pièce SM-3A
Description  SURFACE MOUNT CERMET TRIMMERS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SM-3A Datasheet(HTML) 3 Page - Copal Electronics

  SM-3A Datenblatt HTML 1Page - Copal Electronics SM-3A Datenblatt HTML 2Page - Copal Electronics SM-3A Datasheet HTML 3Page - Copal Electronics SM-3A Datenblatt HTML 4Page - Copal Electronics SM-3A Datenblatt HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.3
2.8
0.9
1.3
2.8
0
0
0.9
1.3
2.8
0
0.9
1.3
2.8
0
0.9
SM-3/31
SURFACE MOUNT TRIMMERS
MAXIMUM INPUT RATINGS
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
Nominal resistance values (
Ω)
Resistance code
Maximum input voltage (V)
Maximum wiper current (mA)
50
500
2.50
50.0
100
101
3.53
35.4
200
201
5.00
25.0
500
501
7.91
15.8
1 k
102
11.2
11.2
2 k
202
15.8
7.91
5 k
502
25.0
5.00
10 k
103
35.4
3.54
20 k
203
50.0
2.50
50 k
503
79.1
1.58
100 k
104
112
1.12
200 k
204
158
0.79
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
(Unit : mm)
SM-3W/31W
SM-3A/31A
SM-3B/31B
Note) The zero point is the center of mounting.
Also available to place as the above.
SM-3W/31W
Top adjustment
1
2
3
2.3
3.2
3.9
0.4W
× 1.3L × 0.3D
0.8
0.8
4.2
3.5
Resistance code & Production date code
CW rotation
1
2
3
Note the terminal position.
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)


Html Pages

1  2  3  4  5