Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS-8800 Fiches technique(PDF) 8 Page - Keysight Technologies

No de pièce GS-8800
Description  Wireless Communication Design Verification (DV) and Conformance Test (CT) System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

GS-8800 Fiches technique(HTML) 8 Page - Keysight Technologies

  GS-8800 Datasheet HTML 1Page - Keysight Technologies GS-8800 Datasheet HTML 2Page - Keysight Technologies GS-8800 Datasheet HTML 3Page - Keysight Technologies GS-8800 Datasheet HTML 4Page - Keysight Technologies GS-8800 Datasheet HTML 5Page - Keysight Technologies GS-8800 Datasheet HTML 6Page - Keysight Technologies GS-8800 Datasheet HTML 7Page - Keysight Technologies GS-8800 Datasheet HTML 8Page - Keysight Technologies GS-8800 Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
08 | Keysight | N1960A GS-8800 Series (8960) Wireless Communication Design Verification (DV) and Conformance Test (CT) System - Data Sheet
Specifications (continued)
General specifications
Operating conditions
General
Indoor
Storage temperature
–20 to +70 °C
Operating temperature
+10 to +30 °C
Accuracy specified
temperature
+20 to +30 °C (Refer to measurement accuracy specification of individual
radio technology for further information)
Humidity (relative)
5 to 80% relative humidity (non-condensing)
Altitude
0 to 2 km
Power requirement
90 to 254 VAC, 50 to 60 Hz, 4118 VA maximum
Rack dimensions
1.6 m rack (EIA: 32 RU)
Two racks configuration (H x W x D)
1620 mm x 1200 mm x 875 mm
(63.8 in x 47.2 in x 34.4 in)
Three racks configuration (H x W x D)
1620 mm x 1800 mm x 875 mm
(63.8 in x 70.9 in x 34.4 in)
2 m rack (EIA: 32 RU)
Two racks configuration (H x W x D)
2025 mm x 1200 mm x 875 mm
(80 in x 47.2 in x 34.4 in
When mounting work surfaces, maximum extra-depth is
550 mm (21.6 in)
Weight (approximate)
1.6 m rack x 2 racks
555 kg maximum (1,223.5 lbs)
1.6 m rack x 3 racks
714 kg maximum (1,570.8 lbs)
2m rack x 2 racks
555 kg maximum (1,223.5 lbs)
Regulatory compliance
Safety
IEC 61010-1:2001/EN 61010-1:2001
Canada: CAN/CSA-C22.2
No. 61010-1-04, 206349
USA ANSI/UL 61010-1:2004
Standard limit
CISPR 11:2003 / EN 55011:2007
IEC 61000-4-2:2001 / EN 61000-4:1995+A1:1998+A2:2001
IEC 61000-4-3:2002 / EN 61000-4-3:2002
IEC 61000-4-4:2004 / EN 61000-4-4:2004
IEC 61000-4-5:2001 / EN 61000-4-5:1995:A1:2001
IEC 61000-4-6:2003 / EN 61000-4-6:2007
IEC 61000-4-11:2004 / EN 61000-4-11:2004
Canada: ICES/NMB-001: Issue 4, June 2006
Australia/New Zealand: AS/NZS CISPR 11:2004


Numéro de pièce similaire - GS-8800

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
GS-8830 HP-GS-8830 Datasheet
635Kb / 6P
   RF Design Verification Test Systems
More results

Description similaire - GS-8800

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
T4010S KEYSIGHT-T4010S Datasheet
2Mb / 8P
   Conformance Test System
logo
Agilent(Hewlett-Packard...
GS-8830 HP-GS-8830 Datasheet
635Kb / 6P
   RF Design Verification Test Systems
logo
Keysight Technologies
E6950A KEYSIGHT-E6950A Datasheet
2Mb / 8P
   eCall Conformance Test Solution
W2366EP KEYSIGHT-W2366EP Datasheet
1Mb / 9P
   Advanced Design System (ADS) Wireless Libraries
U7238C KEYSIGHT-U7238C Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
U7238D KEYSIGHT-U7238D Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
logo
Oscilent Corporation
803-RF465.0M-A OSCILENT-803-RF465.0M-A Datasheet
146Kb / 2P
   Wireless Communication
803-RF380.8M-B OSCILENT-803-RF380.8M-B_14 Datasheet
201Kb / 2P
   Wireless Communication
803-RF939.0M-A OSCILENT-803-RF939.0M-A Datasheet
420Kb / 3P
   Wireless Communication
803-RF448.0M-C OSCILENT-803-RF448.0M-C Datasheet
145Kb / 2P
   Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com