Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP4300A Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce NCP4300A
Description  Dual Operational Amplifier and Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4300A Fiches technique(HTML) 2 Page - ON Semiconductor

  NCP4300A Datasheet HTML 1Page - ON Semiconductor NCP4300A Datasheet HTML 2Page - ON Semiconductor NCP4300A Datasheet HTML 3Page - ON Semiconductor NCP4300A Datasheet HTML 4Page - ON Semiconductor NCP4300A Datasheet HTML 5Page - ON Semiconductor NCP4300A Datasheet HTML 6Page - ON Semiconductor NCP4300A Datasheet HTML 7Page - ON Semiconductor NCP4300A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP4300A
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to GND)
VCC
36
V
ESD Protection Voltage at any Pin (Human Body Model)
VESD
2.0 K (min)
V
Op−Amp 1 and 2 Input Voltage Range (Pins 2, 5, 6)
VIR
−0.6 to VCC +0.6
V
Op−Amp 2 Input Differential Voltage Range (Pins 5, 6)
VIDR
VCC to GND
V
Voltage Reference Cathode Current (Pin 3)
IK
100
mA
Maximum Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
0 to 105
°C
Storage Temperature Range
Tstg
−55 to 150
°C
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient
RqJA
155
°C/W
Thermal Resistance, Junction to Case
RqJC
45
°C/W
TYPICAL ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Total Supply Current, excluding Current in the Voltage Reference
VCC = 5.0 V, no load; 0°C v TA v 105°C
ICC
0.42
0.8
mA
Op−Amp 1 (Op−amp with non−inverting input connected to the internal Vref)
(VCC = 5.0 V, Vout = 1.4 V, TA = 25°C, unless otherwise noted)
Input Offset Voltage
TA = 25°C
TA = 0°C to 105°C
VIO
0.5
2.0
3.0
mV
Input Offset Voltage Temperature Coefficient
TA = 0°C to 105°C
DVIO/DT
7.0
µV/°C
Input Bias Current (Inverting input only)
TA = 25°C
TA = 0°C to 105°C
IIB
−50
−150
−150
nA
Large Signal Voltage Gain (VCC = 15 V, RL = 2.0 kΩ, Vout = 1.4 V to 11.4 V)
TA = 25°C
TA = 0°C to 105°C
AVOL
50
25
100
V/mV
Power Supply Rejection (VCC = 5.0 V to 30 V)
PSRR
40
90
dB
Output Source Current (VCC = 15 V, Vout = 2.0 V, VID = +1.0 V)
IO+
10
16
mA
Output Sink Current (VCC = 15 V, Vout = 2.0 V, VID = −1.0 V)
IO−
10
25
mA
Output Voltage Swing, High (VCC = 30 V, RL = 10 kΩ, VID = +1.0 V)
TA = 25°C
TA = 0°C to 105°C
VOH
27
27
28
V
Output Voltage Swing, Low (RL = 10 kΩ, VID = −1.0 V)
TA = 25°C
TA = 0°C to 105°C
VOL
17
100
100
mV
Slew Rate (Vin = 0.5 to 2.0 V, VCC = 15 V, RL = 2.0 kΩ, Av = 1.0, CL = 100 pF)
SR
0.3
0.5
V/
µs
Unity Gain Bandwidth (VCC = 30 V, RL = 2.0 kΩ, CL = 100 pF, Vin = 0.5 Vpp @
f = 70 kHz)
BW
0.3
0.7
MHz
Total Harmonic Distortion (f = 1.0 kHz, AV = 10, RL = 2.0 kΩ, VCC = 30 V,
Vout = 2.0 VPP)
THD
0.02
%


Numéro de pièce similaire - NCP4300A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300A ONSEMI-NCP4300A Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300AD ONSEMI-NCP4300AD Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results

Description similaire - NCP4300A

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
STMicroelectronics
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
   Dual Operational Amplifier and Voltage Reference
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com