Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1411 Fiches technique(PDF) 1 Page - Soberton Inc.

No de pièce ST-1411
Description  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOBERTON [Soberton Inc.]
Site Internet  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-1411 Fiches technique(HTML) 1 Page - Soberton Inc.

  ST-1411 Datasheet HTML 1Page - Soberton Inc. ST-1411 Datasheet HTML 2Page - Soberton Inc. ST-1411 Datasheet HTML 3Page - Soberton Inc. ST-1411 Datasheet HTML 4Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: ST-1411
PRODUCT: Electro Magnetic Buzzer
EDITION: A/2016
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
SPECIFICATION
Test condition: TEMP=+25±2 oC Related humidity=65±5% Air pressure:860-1060mbar
item
unit
specification
condition
rated voltage
Vo-p
3.0
operating volt
Vo-p
2-4
mean current
mA
80 Max
At rated voltage 3200Hz square wave, 1/2 duty
coil resistance
Ω
18±3
sound output
dBA
87
At 10cm(A-weight free air), at rated voltage
3200Hz, square wave, 1/2duty
rated frequency
Hz
3200
operating temp
oC
-30 ~ +80
storage temp
oC
-40 ~ +85
dimension
mm
L14×W11×H3.0
See attached drawing
weight
gram
1.0
material
LCP(Black)
terminal
SMD type
(Plating Sn)
See attached drawing
environmental
protection regulation
RoHS
ENVIRONMENT TEST
item
test condition
evaluation standard
high temp. test
After being placed in a chamber at +80oC for
96 hours.
AAfter the test the part will meet specifications
without any degradation in appearance and per-
formance except SPL. after 4 hours at +25oC . The
SPL will be in ±10dBA compared with initial one.
low temp. test
After being placed in a chamber at -40oC for
96 hours.
thermal shock
The part will be subjected to 10 cycles.
One cycle shall consist of:
temp./humidity cycle
The part will be subjected to 10 cycles.
One cycle shall be 24 hours and consist of:
Vo-p
0V
60 min
30 min
-40oC
+85oC
30 min
a,b: 90~98%RH
c: 80~98%RH
+85oC
+25oC
3hrs
9hrs
12±0.5hrs
24 hrs
a
b
c
PAGE 1/4


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn