Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1411 Datasheet(Fiches technique) 3 Page - Soberton Inc.

Numéro de pièce ST-1411
Description  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SOBERTON [Soberton Inc.]
Site Internet  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-1411 Datasheet(HTML) 3 Page - Soberton Inc.

  ST-1411 Datenblatt HTML 1Page - Soberton Inc. ST-1411 Datenblatt HTML 2Page - Soberton Inc. ST-1411 Datasheet HTML 3Page - Soberton Inc. ST-1411 Datenblatt HTML 4Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: ST-1411
PRODUCT: Electro Magnetic Buzzer
EDITION: A/2016
MEASUREMENT TEST CIRCUIT
INSPECTION FIXTURE
DIMENSIONS
Tolerance:±0.3 (unit: mm)
PAGE 3/4
Sound Level Meter TES1350A
BUZZER
10cm
INSPECTION FIXTURE
MEASUREMENT METHOD
Vp
OV
H:
G:
+Vcc
180
CE
V
Sound Level Meter TES1350A
BUZZER
10cm
INSPECTION FIXTURE
MEASUREMENT METHOD
Vp
OV
H:
G:
+Vcc
180
CE
V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn