Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1917EDH Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI1917EDH
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1917EDH Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI1917EDH Datasheet HTML 1Page - Vishay Siliconix SI1917EDH Datasheet HTML 2Page - Vishay Siliconix SI1917EDH Datasheet HTML 3Page - Vishay Siliconix SI1917EDH Datasheet HTML 4Page - Vishay Siliconix SI1917EDH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si1917EDH
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71414
S-03174—Rev. A, 07-Mar-01
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –100 mA
–0.45
V
VDS = 0 V, VGS = "4.5 V
"1.5
mA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"10
mA
VDS = –9.6 V, VGS = 0 V
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = –9.6 V, VGS = 0 V, TJ = 85_C
–5
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
–2
A
VGS = –4.5 V, ID = –1.0 A
0.300
0.370
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –0.81 A
0.470
0.575
W
DS(on)
VGS = –1.8 V, ID = –0.2 A
0.660
0.800
Forward Transconductancea
gfs
VDS = –10 V, ID = –1.0 A
1.7
S
Diode Forward Voltagea
VSD
IS = –0.47 A, VGS = 0 V
–0.85
–1.2
V
Dynamicb
Total Gate Charge
Qg
1.3
2.0
Gate-Source Charge
Qgs
VDS = –6 V, VGS = –4.5 V, ID = –1.0 A
0.31
nC
Gate-Drain Charge
Qgd
0.31
Turn-On Delay Time
td(on)
0.17
0.26
Rise Time
tr
VDD = –6 V, RL = 12 W
0.47
0.71
m
Turn-Off Delay Time
td(off)
VDD = –6 V, RL = 12 W
ID ^ –0.5 A, VGEN = –4.5 V, RG = 6 W
0.96
1.4
ms
Fall Time
tf
1.0
1.5
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.001
100
10,000
Gate Current vs. Gate-Source Voltage
0
2
4
6
8
10
0
4
8
12
16
Gate-Current vs. Gate-Source Voltage
VGS – Gate-to-Source Voltage (V)
0.1
1
10
1,000
VGS – Gate-to-Source Voltage (V)
0
3
9
12
15
TJ = 25_C
TJ = 150_C
0.01
6


Numéro de pièce similaire - SI1917EDH

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1917EDH VISHAY-SI1917EDH Datasheet
72Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Mar-01
SI1917EDH VISHAY-SI1917EDH Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1917EDH-T1-GE3 VBSEMI-SI1917EDH-T1-GE3 Datasheet
1Mb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1917EDH VISHAY-SI1917EDH_08 Datasheet
72Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Mar-01
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI1917EDH

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com