Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1280 Fiches technique(PDF) 5 Page - Keysight Technologies

No de pièce U1280
Description  U1280 Series Handheld Digital Multimeters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1280 Fiches technique(HTML) 5 Page - Keysight Technologies

  U1280 Datasheet HTML 1Page - Keysight Technologies U1280 Datasheet HTML 2Page - Keysight Technologies U1280 Datasheet HTML 3Page - Keysight Technologies U1280 Datasheet HTML 4Page - Keysight Technologies U1280 Datasheet HTML 5Page - Keysight Technologies U1280 Datasheet HTML 6Page - Keysight Technologies U1280 Datasheet HTML 7Page - Keysight Technologies U1280 Datasheet HTML 8Page - Keysight Technologies U1280 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
05 | Keysight | U1280 Series Handheld Digital Multimeters - Data Sheet
Figure 6. Data logging experience with Keysight Meter Logger software
Figure 5. Hold & Export button—one press for three actions: Measure, save it
into handheld DMM’s memory and send the measurement out via infrared port.
Optional U5404A remote switch probe emulates ‘Hold & Export’ button.
Figure 7. Pair up the U1280 series with Keysight Remote Link solution for
wireless measurement option
Manual logging made easy with Hold & Export
button
While data logging over a period of time is useful to capture
measurements for further observations and analysis, manual data
log is just as useful to conveniently record measurements and
reduce human error occurrence from conventional manual data
entering process. Better yet, users are able to store measurement
readings into the handheld DMM’s internal memory and at the
same time export the measurements to the Keysight Meter
Logger software or Keysight Remote Link solution via the DMM’s
infrared port — all of these by simply pressing the ‘Hold & Export’
button. When the situation requires users to concentrate on
probing, the optional U5404A remote switch probe can be used
to perform manual logging by emulating the ‘Hold & Export’
button of the U1280 Series handheld DMMs.
Built-in low pass filter
Today, three-phase AC electric motors are the most important
workhorses in industry and commercial facilities. With the advent
of solid state electronics, variable speed drives (VFD) are used to
regulate the speed of three-phase AC motors to increase the effi-
ciency of AC motors. However, the increased use of VFDs present
challenges to technicians in getting accurate voltage, current
and frequency measurements that match with readings shown on
the VFD’s control panel display. Many true RMS DMMs that have
high AC bandwidth are measuring VFD signals up to 20% to 30%
higher than the drive’s controller display due to the reason that
DMMs are measuring the carrier frequency/switching frequency
generated by VFDs. Keysight U1280 Series comes with LPF (low
pass filter) feature which blocks unwanted high frequency signal
from VFDs’ switching components. The net result is an accurate
measurement of VFD’s output signal which helps to expedite the
maintenance or troubleshooting tasks of VFDs.
Programmable
Keysight U1280 Series comes with programmability capability that
allows avid programmer to create computer programs to control
the handheld DMM. The programmability of Keysight U1280
Series allows users to automate Keysight U1280 Series or even
integrate into bigger test systems.


Numéro de pièce similaire - U1280

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1281A KEYSIGHT-U1281A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Description similaire - U1280

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com