Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1230 Fiches technique(PDF) 9 Page - Keysight Technologies

No de pièce U1230
Description  Digital Multimeters (DMMs)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1230 Fiches technique(HTML) 9 Page - Keysight Technologies

Back Button U1230 Datasheet HTML 5Page - Keysight Technologies U1230 Datasheet HTML 6Page - Keysight Technologies U1230 Datasheet HTML 7Page - Keysight Technologies U1230 Datasheet HTML 8Page - Keysight Technologies U1230 Datasheet HTML 9Page - Keysight Technologies U1230 Datasheet HTML 10Page - Keysight Technologies U1230 Datasheet HTML 11Page - Keysight Technologies U1230 Datasheet HTML 12Page - Keysight Technologies U1230 Datasheet HTML 13Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Electrical Specifications (continued)
Frequency sensitivity specifications
For voltage measurements
Input range
Minimum sensitivity (rms sine wave)
Maximum input for specified accuracy1
5 Hz to 50 kHz
U1231A
U1232A
U1233A
600 mV in Scale mode
50 mV
50 mV
50 mV
600 mV
120 mV
120 mV
120 mV
6 V
0.6 V
0.6 V
0.6 V
60 V
5.0 V
5.0 V
5.0 V
600 V
50 V
50 V
50 V
1. Maximum input for specified accuracy, refer to “AC specifications” on page 106 of the User Guide.
For current measurements
Input range
Minimum sensitivity (rms sine wave)
Maximum input for specified accuracy1
45 Hz to 5 kHz
U1232A
U1233A
60 μA
30 μA
30 μA
600 μA
30 μA
30 μA
6 A
0.5 A
0.5 A
10 A
0.5 A
0.5 A
1. Maximum input for specified accuracy, refer to “AC specifications” on page 106 of the User Guide.
Scale transfer (mV)
Range
Resolution
Accuracy ± (% of reading + counts of least significant digit)
U1231A/U1232A/U1233A
DC 600 mV
0.1 mV
0.5% + 22
AC 600 mV
0.1 mV
1.0 % + 3 @ 45 Hz to 500 Hz
2.0 % + 3 @ 500 Hz to 1 kHz
1. Overload protection: 600 Vrms for short circuits with < 0.3 A current.
2. The accuracy of the DC 600 mV range is specified after the Null function is used to subtract the thermal effect (by shorting the test leads).
3. Input impedance: 10 MΩ (typical).
09 | Keysight | U1230 Series Handheld Digital Multimeters (DMMs) - Data Sheet


Numéro de pièce similaire - U1230

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
More results

Description similaire - U1230

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com