Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SCAN16512 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SCAN16512
Description  Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN16512 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button SCAN16512 Datasheet HTML 2Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 3Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 4Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 5Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 6Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 7Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 8Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 9Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Noise Specifications
Applies to SCAN162512 and SCANH162512 options, C
L = 30pF, RL = 500
Ω to GND
Symbol
Parameter
V
CC
(V)
Industrial
Units
T
A = 25˚C
Typical Limits
V
OLP
Quiet Output Maximum Dynamic VOL
(Note 5)
3.3
0.6
V
V
OLV
Quiet Output Minimum Dynamic VOL
(Note 5)
3.3
-0.5
V
V
OHP
Quiet Output Maximum Dynamic
VOH(Note 6)
3.3
VOH + 0.5
V
V
OHV
Quiet Output Minimum Dynamic VOH
(Note 6)
3.3
VOH - 0.6
V
Note 5: Maximum number of outputs is defined as n. (n-1) outputs are switched LOW while the quiet output is monitored in a LOW (VOL) state. Also, (n-1) outputs
are switched HIGH while the quiet output is monitored in a LOW (VOL) state.
Note 6: Maximum number of outputs is defined as n. (n-1) outputs are switched LOW while the quiet output is monitored in a HIGH (VOH) state. Also, (n-1) outputs
are switched HIGH while the quiet output is monitored in a HIGH (VOH) state.
AC Electrical Characteristics
Normal Operation, over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
SCAN16512, SCANH16512
Units
C
L =30 pF
R
L = 500
Ω to GND
Min
Max
t
PLH,
Propagation Delay
5.5
ns
t
PHL
AtoB,BtoA
5.5
t
PLH,
Propagation Delay
6.0
ns
t
PHL
CLKAB to B, CLKBA to A
6.0
t
PLH,
Propagation Delay
6.0
ns
t
PHL
LEAB to B, LEBA to A
6.0
t
PLZ,
Disable Time, OEAB to B, OEBA to A
7.5
ns
t
PHZ
7.5
t
PZL,
Enable Time, OEAB to B, OEBA to A
7.5
ns
t
PZH
7.5
AC Electrical Characteristics
Normal Operation, over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
SCAN162512
Units
C
L =30 pF
R
L = 500
Ω to GND
Min
Max
t
PLH,
Propagation Delay
6.0
ns
t
PHL
AtoB,BtoA
6.0
t
PLH,
Propagation Delay
6.5
ns
t
PHL
CLKAB to B, CLKBA to A
6.5
t
PLH,
Propagation Delay
6.5
ns
t
PHL
LEAB to B, LEBA to A
6.5
t
PLZ,
Disable Time, OEAB to B, OEBA to A
7.5
ns
t
PHZ
7.5
t
PZL,
Enable Time, OEAB to B, OEBA to A
7.5
ns
t
PZH
7.5
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SCAN16602 Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE-R Outputs 1  2  3  4  5  More National Semiconductor (TI)
TC74VCXR162646FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
74VCXH162245 LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
TC74VCX16600FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162652FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
74VCXR162245 LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
TC74LCX16652AFT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCX16245FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162500FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162501FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn