Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SCAN16512 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SCAN16512
Description  Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN16512 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  SCAN16512 Datasheet HTML 1Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 2Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 3Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 4Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 5Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 6Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 7Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 8Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
V
CC
(V)
Industrial
Units
Conditions
T
A = −40˚C to +85˚C
Min
Max
Maximum Low Output Voltage
A and B Ports: SCAN162512 and
SCANH162512 Options (25
series resistor options)
2.7
0.4
V
V
IN =VIL or VIH,
I
OL = 4mA
3.0
0.6
V
V
IN =VIL or VIH,
I
OL = 12mA
I
IN
Maximum Input Leakage Current
3.6
±5.0
µA
V
I =VCC, GND
I
ILR
Input Low Current
3.6
-200
µA
V
IN = GND
I
OZ
Maximum I/O Leakage Current
3.6
±5.0
V
I (OE) = VIL,VIH
µA
V
I =VCC, GND
V
O =VCC, GND
I
I(HOLD)
Bus Hold Input Minimum Drive
Hold Current (Note 4)
2.7
±75
µA
V
I = 0.8V or 2.0V
3.6
±625
V
I = 0 to 3.6V
V
IKL
Input Clamp Diode Voltage
2.7
-1.5
V
I
IN = -18mA
I
OFF
Power-off Leakage Current
0.0
±10.0
µA
V
O =VCC, GND
I
CC
Maximum Quiescent Supply
Current
3.6
20
µA
I
CCt
Maximum I
CC Per Input
3.6
0.5
mA
V
I =VCC–0.6V
Note 4: Applies to devices with Bus Hold feature only.
Noise Specifications
Applies to SCAN16512 and SCANH16512 options, C
L = 30pF, RL = 500
Ω to GND
Symbol
Parameter
V
CC
(V)
Industrial
Units
T
A = 25˚C
Typical Limits
V
OLP
Quiet Output Maximum Dynamic VOL
(Note 5)
3.3
1.2
V
V
OLV
Quiet Output Minimum Dynamic VOL
(Note 5)
3.3
-1.5
V
V
OHP
Quiet Output Maximum Dynamic VOH
(Note 6)
3.3
VOH + 0.9
V
V
OHV
Quiet Output Minimum Dynamic VOH
(Note 6)
3.3
VOH - 1.5
V
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SCAN16602 Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE-R Outputs 1  2  3  4  5  More National Semiconductor (TI)
TC74VCXR162646FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
74VCXH162245 LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
TC74VCX16600FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162652FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
74VCXR162245 LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
TC74LCX16652AFT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCX16245FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162500FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162501FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn