Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SCAN16512 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SCAN16512
Description  Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN16512 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  SCAN16512 Datasheet HTML 1Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 2Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 3Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 4Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 5Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 6Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 7Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 8Page - National Semiconductor (TI) SCAN16512 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 3)
Supply Voltage (V
CC)
−0.5V to +4.6V
DC Input Diode Current (I
IK)
V
I = −0.5V
−50 mA
DC Output Diode Current (I
OK)
V
O = −0.5V
−50 mA
DC Input Voltage (V
I)
−0.5V to 4.6V
DC Output Voltage (V
O)
−0.5V to 4.6V
DC Output Source/Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
Per Supply Pin
±100 mA
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Solder, 4sec)
64L BGA
220 ˚C
Thermal Resistance
BGA
θ
JA
62˚C/W
Package Derating
16.1mW/˚C above
25˚C
ESD (Min)
1000V
Recommended Operating
Conditions
Supply Voltage (V
CC)
SCAN16512
2.7V to 3.6V
Input Voltage (V
I)
0V to 3.6V
Output Voltage (V
O)
0V to 3.6V
Operating Temperature (T
A)
Industrial
−40˚C to +85˚C
Note 3: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of SCAN circuits outside databook specifications.
DC Electrical Characteristics
Symbol
Parameter
V
CC
(V)
Industrial
Units
Conditions
T
A = −40˚C to +85˚C
Min
Max
V
IH
Minimum High Input Voltage
2.7
2.0
V
V
OUT = 0.1V
3.6
2.0
or V
CC −0.1V
V
IL
Maximum Low Input Voltage
2.7
0.8
V
V
OUT = 0.1V
3.6
0.8
or V
CC −0.1V
V
OH
Minimum High Output Voltage
All Outputs, All Options
2.7
2.5
V
I
OUT = −100 µA
3.6
3.4
Minimum High Output Voltage
TDO Outputs, All Options
2.7
2.2
V
V
IN =VIL or VIH,
I
OH = −12mA
3.0
2.2
V
V
IN =VIL or VIH
I
OH = −24mA
Minimum High Output Voltage
A and B Ports: SCAN16512 and
SCANH16512 options
2.7
2.2
V
V
IN =VIL or VIH
I
OH = −12mA
3.0
2.2
V
V
IN =VIL or VIH
I
OH = −24mA
Minimum High Output Voltage
A and B Ports: SCAN162512 and
SCANH162512 options (25
series resistor options)
2.7
2.2
V
V
IN =VIL or VIH
I
OH = -4mA
3.0
2.2
V
V
IN =VIL or VIH
I
OH = -12mA
V
OL
Maximum Low Output Voltage
All Outputs, All Options
2.7
0.2
V
I
OUT = 100 µA
3.6
0.2
Maximum Low Output Voltage
TDO Outputs, All Options
2.7
0.4
V
V
IN =VIL or VIH,
I
OL = 12mA
3.0
0.55
V
V
IN =VIL or VIH,
I
OL = 24mA
Maximum Low Output Voltage
A and B Ports: SCAN16512 and
SCANH16512 Options
2.7
0.4
V
V
IN =VIL or VIH,
I
OL = 12mA
3.0
0.55
V
V
IN =VIL or VIH,
I
OL = 24mA
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SCAN16602 Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE-R Outputs 1  2  3  4  5  More National Semiconductor (TI)
TC74VCXR162646FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
74VCXH162245 LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
TC74VCX16600FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162652FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
74VCXR162245 LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
TC74LCX16652AFT LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCX16245FT LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162500FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
TC74VCXR162501FT LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn