Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB320 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce SB320
Description  Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB320 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  SB320 Datasheet HTML 1Page - Fairchild Semiconductor SB320 Datasheet HTML 2Page - Fairchild Semiconductor SB320 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB320-SB3100, Rev. C
2001 Fairchild Semiconductor Corporation
Features
3.0 ampere operation at T
A
= 75°C
with no thermal runaway.
For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
SB320 - SB3100
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
3.6
W
RθJA
Thermal Resistance, Junction to Ambient
40
°C/W
Symbol
Parameter
Device
Units
320
330
340
350
360
380
3100
VF
Forward Voltage @ 3.0 A
500
740
850
mV
I
R
Reverse Current @ rated V
R TA = 25°C
0.5
mA
T
A = 100°C
20
10
10
mA
Irr
Maximum Full Load Reverse Current,
Full Cycle
T
A = 100°C
30
mA
CT
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
180
pF
DO-201AD
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
320
330
340
350
360
380
3100
VRRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
100
V
I
F(AV)
Average Rectified Forward Current
.375 " lead length @ T
A = 75°C
3.0
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
80
A
T
stg
Storage Temperature Range
-65 to +125
°C
TJ
Operating Junction Temperature
-65 to +125
°C
Thermal Characteristics


Numéro de pièce similaire - SB320

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SB320 VISHAY-SB320 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
logo
Pan Jit International I...
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SB320 SUNMATE-SB320 Datasheet
157Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
SB320 TSC-SB320 Datasheet
69Kb / 2P
   Single Phase 3.0 AMPS. Silicon Bridge Rectifiers
More results

Description similaire - SB320

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com