Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3803G15MDCKREP Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3803G15MDCKREP
Description  VOLTAGE DETECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803G15MDCKREP Fiches technique(HTML) 5 Page - Texas Instruments

  TPS3803G15MDCKREP Datasheet HTML 1Page - Texas Instruments TPS3803G15MDCKREP Datasheet HTML 2Page - Texas Instruments TPS3803G15MDCKREP Datasheet HTML 3Page - Texas Instruments TPS3803G15MDCKREP Datasheet HTML 4Page - Texas Instruments TPS3803G15MDCKREP Datasheet HTML 5Page - Texas Instruments TPS3803G15MDCKREP Datasheet HTML 6Page - Texas Instruments TPS3803G15MDCKREP Datasheet HTML 7Page - Texas Instruments TPS3803G15MDCKREP Datasheet HTML 8Page - Texas Instruments TPS3803G15MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPS380301EP
TPS3803G15EP
TPS3805H33EP
SGLS227C − DECEMBER 2003 − REVISED JUNE 2007
www.ti.com
5
ABSOLUTE MAXIMUM RATINGS(1)
Over operating free-air temperature, unless otherwise noted.
Supply voltage, VDD(2)
+7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All other pins(2)
−0.3 V to +7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum low-output current, IOL
+5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum high-output current, IOH
−5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDD)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDD)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−55
°C to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg,(3)
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to GND. For reliable operation the device should not be continuously operated at 7 V for more than
t = 1000 h.
(3) Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of overall
device life. See www.ti.com/ep_quality for additional information on enhanced plastic packaging.
DISSIPATION RATING TABLE
PACKAGE
TA < +25°C
POWER RATING
DERATING FACTOR
ABOVE TA = +25°C
TA = +70°C
POWER RATING
TA = +85°C
POWER RATING
DCK
321 mW
2.6 mW/
°C
206 mW
167 mW
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VDD
1.3
6
V
Input voltage, VI
0
VDD + 0.3
V
Operating free-air temperature range, TA
Q suffix devices
−40
+125
°C
Operating free-air temperature range, TA
M suffix devices
−55
+125
°C


Numéro de pièce similaire - TPS3803G15MDCKREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3803G15MDCKREP TI-TPS3803G15MDCKREP Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Description similaire - TPS3803G15MDCKREP

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com