Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC1G14 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUC1G14
Description  SINGLE SCHMITT-TRIGGER INVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUC1G14 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74AUC1G14 Datasheet HTML 2Page - Texas Instruments SN74AUC1G14 Datasheet HTML 3Page - Texas Instruments SN74AUC1G14 Datasheet HTML 4Page - Texas Instruments SN74AUC1G14 Datasheet HTML 5Page - Texas Instruments SN74AUC1G14 Datasheet HTML 6Page - Texas Instruments SN74AUC1G14 Datasheet HTML 7Page - Texas Instruments SN74AUC1G14 Datasheet HTML 8Page - Texas Instruments SN74AUC1G14 Datasheet HTML 9Page - Texas Instruments SN74AUC1G14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
NOTES: A. C includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators have the following characteristics: PRR
10 MHz, Z = 50
, slew rate
1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. t
and t
are the same as t .
F. t
and t
are the same as t .
G. t
and t
are the same as t .
H. All parameters and waveforms are not applicable to all devices.
L
O
PLZ
PHZ
dis
PZL
PZH
en
PLH
PHL
pd
From Output
Under Test
C
(see Note A)
L
LOAD CIRCUIT
S1
2 × V
CC
Open
GND
R
L
R
L
t
/t
PLH
PHL
Open
TEST
S1
2 × V
CC
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
0 V
t
W
Input
0 V
Input
Output
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
V
CC/2
V
CC/2
V
CC/2
V
CC/2
V
OL
V
OH
V
CC
V
CC
V
OH
V
OL
V
CC/2
V
CC/2
V
CC/2
V
CC/2
t
PLH
t
PHL
t
PLH
t
PHL
t
h
t
su
Data Input
Timing Input
0 V
0 V
Output
Waveform 1
S1 at 2 × V
(see Note B)
CC
Output
Waveform 2
S1 at GND
(see Note B)
V
OL
V
OH
0 V
≈0 V
Output
Control
V
CC/2
V
CC/2
V
CC/2
V
CC/2
V
CC/2
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
V
CC
V
CC
V
CC
V
CC/2
V
CC/2
V
CC
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
V
+ V
OL
0.8 V
1.2 V
0.1 V
±
1.5 V
0.1 V
±
1.8 V
0.15 V
±
2.5 V
0.2 V
±
1.8 V
0.15 V
±
2.5 V
0.2 V
±
V
CC
2 k
2 k
2 k
2 k
2 k
1 k
500
R
L
0.1 V
0.1 V
0.1 V
0.15 V
0.15 V
0.15 V
0.15 V
V
C
L
15 pF
15 pF
15 pF
15 pF
15 pF
30 pF
30 pF
SN74AUC1G14-EP
SINGLE SCHMITT-TRIGGER INVERTER
SCES673 – SEPTEMBER 2006
Figure 1. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback


Numéro de pièce similaire - SN74AUC1G14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
496Kb / 13P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14DBVR TI-SN74AUC1G14DBVR Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74AUC1G14DBVR TI-SN74AUC1G14DBVR Datasheet
496Kb / 13P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
More results

Description similaire - SN74AUC1G14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com