Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1126 Fiches technique(PDF) 16 Page - Maxim Integrated Products

No de pièce MAX1126
Description  Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1126 Fiches technique(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1126 Datasheet HTML 12Page - Maxim Integrated Products MAX1126 Datasheet HTML 13Page - Maxim Integrated Products MAX1126 Datasheet HTML 14Page - Maxim Integrated Products MAX1126 Datasheet HTML 15Page - Maxim Integrated Products MAX1126 Datasheet HTML 16Page - Maxim Integrated Products MAX1126 Datasheet HTML 17Page - Maxim Integrated Products MAX1126 Datasheet HTML 18Page - Maxim Integrated Products MAX1126 Datasheet HTML 19Page - Maxim Integrated Products MAX1126 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Quad, 12-Bit, 40Msps, 1.8V ADC with
Serial LVDS Outputs
16
______________________________________________________________________________________
LVDS/SLVS
OUTPUT
DRIVERS
REFERENCE
SYSTEM
PLL
6x
CLOCK
CIRCUITRY
POWER CONTROL
REFIO
INTREF
IN0P
IN0N
IN1P
IN1N
IN2P
IN2N
IN3P
IN3N
CLK
PDALL PD0
PD1
PD2
PD3
OUT0P
OUT0N
OUT1P
OUT1N
OUT2P
OUT2N
OUT3P
OUT3N
CLKOUTP
CLKOUTN
OVDD
AVDD
GND
CVDD
PLL3
PLL0 PLL1 PLL2
T/B
LVDSTEST
FRAMEP
FRAMEN
DT
OUTPUT
CONTROL
MAX1126
T/H
12-BIT
PIPELINE
ADC
12:1
SERIALIZER
T/H
12-BIT
PIPELINE
ADC
12:1
SERIALIZER
T/H
12-BIT
PIPELINE
ADC
12:1
SERIALIZER
T/H
12-BIT
PIPELINE
ADC
12:1
SERIALIZER
SLVS/LVDS
Functional Diagram
PIN
NAME
FUNCTION
64
LVDSTEST
LVDS Test Pattern Enable Input. Drive LVDSTEST high to enable the output test pattern
(000010111101 MSB
→LSB). As with the analog conversion results, the test pattern data is output LSB
first. Drive LVDSTEST low for normal operation.
66
REFIO
Reference Input/Output. For internal reference operation (INTREF = GND), the reference output
voltage is 1.24V. For external reference operation (INTREF = AVDD), apply a stable reference voltage
at REFIO. Bypass to GND with a 0.1µF capacitor.
67
INTREF
Internal/External Reference Mode Select Input. For internal reference mode, connect INTREF directly
to GND. For external reference mode, connect INTREF directly to AVDD.
—EP
Exposed Paddle. EP is internally connected to GND. Externally connect EP to GND to achieve
specified performance.
Pin Description (continued)


Numéro de pièce similaire - MAX1126

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX11261 MAXIM-MAX11261 Datasheet
4Mb / 18P
   Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
   Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11262 MAXIM-MAX11262 Datasheet
865Kb / 26P
   500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX1126EGK MAXIM-MAX1126EGK Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
More results

Description similaire - MAX1126

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com