Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA2901FV-E2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BA2901FV-E2
Description  Ground Sense Comparator
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA2901FV-E2 Fiches technique(HTML) 4 Page - Rohm

  BA2901FV-E2 Datasheet HTML 1Page - Rohm BA2901FV-E2 Datasheet HTML 2Page - Rohm BA2901FV-E2 Datasheet HTML 3Page - Rohm BA2901FV-E2 Datasheet HTML 4Page - Rohm BA2901FV-E2 Datasheet HTML 5Page - Rohm BA2901FV-E2 Datasheet HTML 6Page - Rohm BA2901FV-E2 Datasheet HTML 7Page - Rohm BA2901FV-E2 Datasheet HTML 8Page - Rohm BA2901FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
4/53
05.Jun.2015 Rev.004
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339 Series
BA2903 Series
BA2901 Series
Line-up
Operating Temperature Range
Input Offset
Voltage
(Max)
Supply
Current
(Typ)
Package
Orderable
Part Number
-40°C to +85°C
7mV
0.3mA
SSOP5
Reel of 3000
BA8391G-TR
5mV
0.4mA
SOP8
Reel of 2500
BA10393F-E2
0.8mA
SOP14
Reel of 2500
BA10339F-E2
SSOP-B14
Reel of 2500
BA10339FV-E2
-40°C to +105°C
7mV
0.6mA
SOP8
Reel of 2500
BA2903SF-E2
SSOP-B8
Reel of 2500
BA2903SFV-E2
MSOP8
Reel of 3000
BA2903SFVM-TR
0.8mA
SOP14
Reel of 2500
BA2901SF-E2
SSOP-B14
Reel of 2500
BA2901SFV-E2
-40°C to +125°C
0.6mA
SOP8
Reel of 2500
BA2903F-E2
SSOP-B8
Reel of 2500
BA2903FV-E2
MSOP8
Reel of 3000
BA2903FVM-TR
2mV
SOP8
Reel of 2500
BA2903WF-E2
SSOP-B8
Reel of 2500
BA2903WFV-E2
7mV
0.8mA
SOP14
Reel of 2500
BA2901F-E2
SSOP-B14
Reel of 2500
BA2901FV-E2
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
BA8391G
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
PD
SSOP5
0.67
(Note1,2)
W
Differential Input Voltage
(Note 3)
VID
+36
V
Input Common-mode
Voltage Range
VICM
(VEE-0.3) to (VEE+36)
V
Input Current
(Note 4)
II
-10
mA
Operating Supply Voltage
Vopr
+2.0 to +36.0
(±1.0 to ±18.0)
V
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
+150
°C
(Note 1) To use at temperature above TA=25°C reduce 5.4mW.
(Note 2) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
(Note 3) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 4) Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting
resistance is used.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.


Numéro de pièce similaire - BA2901FV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA2901FV-E2 ROHM-BA2901FV-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

Description similaire - BA2901FV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
BA2903WF ROHM-BA2903WF Datasheet
958Kb / 56P
   Ground Sense Comparator
BA2901KN-E2 ROHM-BA2901KN-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com