Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC4001 Datasheet(Fiches technique) 1 Page - Inchange Semiconductor Company Limited

Numéro de pièce 2SC4001
Description  isc Silicon NPN Power Transistor
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4001 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC4001 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4001 Datenblatt HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
1
isc website?www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
2SC4001
DESCRIPTION
The 2SC4001is designed for uses of high-resolution monitor
TV applications.This makes it possible to raise the video band
Of high-resolution monitor TVs to 50MHz.
FEATURES
Collector?Emitter Sustaining Voltage-
: VCBO = 300 V(Min)
Complement to Type 2SA1546
ABSOLUTE MAXIMUM RATINGS(Ta=25?)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
250
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
0.1
A
PC
Collector Power Dissipation
TC=25?
7
W
Ti
Junction Temperature
150
?
Tstg
Storage Temperature Range
-55~150
?


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn