Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPA843 Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA843
Description  Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA843 Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA843 Datasheet HTML 5Page - Burr-Brown (TI) OPA843 Datasheet HTML 6Page - Burr-Brown (TI) OPA843 Datasheet HTML 7Page - Burr-Brown (TI) OPA843 Datasheet HTML 8Page - Burr-Brown (TI) OPA843 Datasheet HTML 9Page - Burr-Brown (TI) OPA843 Datasheet HTML 10Page - Burr-Brown (TI) OPA843 Datasheet HTML 11Page - Burr-Brown (TI) OPA843 Datasheet HTML 12Page - Burr-Brown (TI) OPA843 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
OPA843
9
SBOS268A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, GD = 10, RF = 1kΩ, RG = 100Ω, and RL = 100Ω, unless otherwise noted.
OPA843
OPA843
RG
100
RF
+5V
RG
100
RL
VI
RF
VO
–5V
+5V
–5V
GD =
RF
100
DIFFERENTIAL SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
100
10
1k
3
0
–3
–6
–9
–12
–15
–18
V
O = 400mVp-p
G
D = 5
G
D = 16
G
D = 10
G
D = 32
DIFFERENTIAL LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
10
100
200
23
20
17
14
11
8
G
D = 10V/V
V
O = 400mVp-p to 5Vp-p
V
O = 8Vp-p
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
10
100
1k
–70
–75
–80
–85
–90
–95
–100
–105
–110
V
O = 4Vp-p
G
D = 10
F = 5MHz
2nd-Harmonic
3rd-Harmonic
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (Hz)
110
20
–60
–70
–80
–90
–100
–110
V
O = 4Vp-p
G
D = 10
R
L = 400Ω
2nd-Harmonic
3rd-Harmonic
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
10
1
–80
–85
–90
–95
–100
–105
–110
–115
G
D = 10
R
L = 400Ω
F = 5MHz
2nd-Harmonic
3rd-Harmonic
DIFFERENTIAL PERFORMANCE
TEST CIRCUIT


Numéro de pièce similaire - OPA843

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843ID TI1-OPA843ID Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843IDBVR TI1-OPA843IDBVR Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Description similaire - OPA843

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com