Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA843 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA843
Description  Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA843 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  OPA843 Datasheet HTML 1Page - Burr-Brown (TI) OPA843 Datasheet HTML 2Page - Burr-Brown (TI) OPA843 Datasheet HTML 3Page - Burr-Brown (TI) OPA843 Datasheet HTML 4Page - Burr-Brown (TI) OPA843 Datasheet HTML 5Page - Burr-Brown (TI) OPA843 Datasheet HTML 6Page - Burr-Brown (TI) OPA843 Datasheet HTML 7Page - Burr-Brown (TI) OPA843 Datasheet HTML 8Page - Burr-Brown (TI) OPA843 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
OPA843
5
SBOS268A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +5, RF = 402Ω, RG = 100Ω, and RL = 100Ω, unless otherwise noted.
5MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
100
150
200
250
300
350
400
450
500
–75
–80
–85
–90
–95
–100
–105
–110
V
O = 2Vp-p
G = +5
2nd-Harmonic
3rd-Harmonic
See Figure 1
1MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
100
150
200
250
300
350
400
450
500
–75
–80
–85
–90
–95
–100
–105
–110
V
O = 5Vp-p
G = +5
3rd-Harmonic
2nd-Harmonic
See Figure 1
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
10
1
100
–60
–70
–80
–90
–100
–110
V
O = 2Vp-p
G = +5
R
L = 200Ω
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
10
–70
–75
–80
–85
–90
–95
–100
–105
–110
R
L = 200Ω
F = 5MHz
G = +5
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
510
15
20
–70
–80
–90
–100
–110
V
O = 2Vp-p
R
L = 200Ω
F = 5MHz
R
F = 402Ω, RG Adjusted
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs INVERTING GAIN
Gain
(–V/V)
510
15
20
25
30
35
40
–75
–85
–95
–105
–115
2nd-Harmonic
3rd-Harmonic
V
O = 2Vp-p
R
L = 200Ω
F = 5MHz
R
G = 50Ω, RF Adjusted
See Figure 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn